Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958XP Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9958XP
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958XP Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9958XP Datasheet HTML 18Page - STMicroelectronics L9958XP Datasheet HTML 19Page - STMicroelectronics L9958XP Datasheet HTML 20Page - STMicroelectronics L9958XP Datasheet HTML 21Page - STMicroelectronics L9958XP Datasheet HTML 22Page - STMicroelectronics L9958XP Datasheet HTML 23Page - STMicroelectronics L9958XP Datasheet HTML 24Page - STMicroelectronics L9958XP Datasheet HTML 25Page - STMicroelectronics L9958XP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Diagnostics and protections
L9958
22/38
Doc ID 17269 Rev 5
Figure 17.
Battery voltage monitoring
5.2.7
Vdd over-voltage detection
Although the Vdd input pin and all I/O's are able to withstand up to 19 V, an over-voltage
circuitry is implemented to ensure that the bridge is kept in tri-state when the Vdd voltage is
higher than the Vdd overvoltage threshold "Vdd_ov_off" for duration longer than
"Tov_Vdd". The information is detected and stored into the SPI register in a bit called
"VDD_OV". The bridge is kept in tri-state as long as an appropriate reset is not requested
(see Section 5.1).
5.2.8
Vdd under-voltage detection
When the Vdd voltage falls below the under-voltage detection threshold "Vdd_uv_off" for
duration longer than "Tuv_vdd", the bridge is switched to tri-state. In such a condition, the
L9958 is going in sleep mode. When the voltage increases above the threshold (hysteresis
implemented), the L9958 starts with all the settings reset to their default values (Power On
Reset).
5.2.9
Output short protection
The L9958 can sustain short on the outputs. In case of short to GND, short to battery or
short between outputs the battery voltage cannot exceed 18 V. The connection of a 100 µF
decoupling capacitor as close as possible to Vs pin and the GND connection of the slug or of
the exposed pad is mandatory to improve the robustness.
Table 13.
Vs under-voltage
VS_UV
Comments
Bridge state
FSI
1
Vs < Vs_uv_off
Hi Z
1 (not latched)
0 (default)
Vs > Vs_uv_on
-
0
Table 14.
Vdd over-voltage detection
VDD_OV
Comments
Bridge state
FSI
1
Vdd > Vdd_ov_off
Hi-Z
1 (latched)
0 (default)
Vdd < Vdd_ov_on
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com