Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ABRT-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7450ABRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ABRT-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7450ABRT-R2 Datasheet HTML 7Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 8Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 9Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 10Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 11Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 12Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 13Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 14Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 11 of 28
Power Supply Rejection Ratio (PSRR)
The power supply rejection ratio is the ratio of the power in
the ADC output at full-scale frequency, f, to the power of a
100 mV p-p sine wave applied to the ADC VDD supply of
frequency fS. The frequency of this input varies from 1 kHz to
1 MHz.
PSRR (dB) = 10log(Pf/PfS)
Pf is the power at frequency f in the ADC output; Pfs is the
power at frequency fS in the ADC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com