Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ABRT-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7450ABRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ABRT-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7450ABRT-R2 Datasheet HTML 16Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 17Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 18Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 19Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 20Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 21Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 22Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 23Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 20 of 28
Example 1
Table 6. Examples of Suitable Voltage References
Output
Voltage (V)
Initial
Accuracy (%)
Operating
Current (μA)
VIN max = VDD + 0.3
VIN max = VREF + VREF/2
Reference
AD780
2.5/3
0.04
1000
If VDD = 5 V, then VIN max = 5.3 V.
Therefore
3 × VREF/2 = 5.3 V
VREF max = 3.5 V
Thus, when operating at VDD = 5 V, the value of VREF can range
from 100 mV to a maximum value of 3.5 V. When VDD = 4.75 V,
VREF max = 3.17 V.
Example 2
VIN max = VDD + 0.3
VIN max = VREF + VREF/2
If VDD = 3 V, then VIN max = 3.3 V.
Therefore,
3 × VREF/2 = 3.3 V
VREF max = 2.2 V
Thus, when operating at VDD = 3 V, the value of VREF can range
from 100 mV to a maximum value of 2.2 V. When VDD = 2.7 V,
VREF max = 2 V.
These examples show that the maximum reference applied to
the AD7440/AD7450A is directly dependent on the value
applied to VDD.
The value of the reference sets the analog input span and the
common-mode voltage range. Errors in the reference source
result in gain errors in the AD7440/AD7450A transfer function
and add to specified full-scale errors on the part. A 0.1 μF
capacitor should be used to decouple the VREF pin to GND.
Figure 38 shows a typical connection diagram for the VREF pin.
Table 6 lists examples of suitable voltage references.
1
AD780
NC
8
2
VIN
NC
7
3
GND
6
4
TEMP
5
OPSEL
TRIM
VOUT
AD7440/
AD7450A*
VREF
2.5V
NC
VDD
NC
VDD
NC = NO CONNECT
10nF
0.1
μF
0.1
μF
0.1
μF
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 38. Typical VREF Connection Diagram for VDD = 5 V
ADR421
2.5
0.04
500
ADR420
2.048
0.05
500
SINGLE-ENDED OPERATION
When supplied with a 5 V power supply, the AD7440/AD7450A
can handle a single-ended input. The design of these devices is
optimized for differential operation, so with a single-ended
input, performance degrades. Linearity degrades by typically
0.2 LSB, the full-scale errors degrade typically by 1 LSB, and ac
performance is not guaranteed.
To operate the AD7440/AD7450A in single-ended mode, the
V
input is coupled to the signal source, while the V
IN+
IN–
input is
biased to the appropriate voltage corresponding to the midscale
code transition. This voltage is the common mode, which is a
fixed dc voltage (usually the reference). The VIN+ input swings
around this value and should have a voltage span of 2 × VREF to
make use of the full dynamic range of the part. The input signal
therefore has peak-to-peak values of common mode ±VREF. If
the analog input is unipolar, an op amp in a noninverting unity
gain configuration can be used to drive the VIN+ pin. The ADC
operates from a single supply, so it is necessary to level shift
ground-based bipolar signals to comply with the input
requirements. An op amp can be configured to rescale and level
shift the ground-based bipolar signal, so it is compatible with
the selected input range of the AD7440/AD7450A (Figure 39).
R
5V
2.5V
0V
+2.5V
0V
–2.5V
R
R
0.1
μF
R
AD7440/
AD7450A
VREF
VIN+
VIN–
VIN
EXTERNAL
VREF (2.5V)
Figure 39. Applying a Bipolar Single-Ended Input to the AD7440/AD7450A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com