Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ABRT-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7450ABRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ABRT-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7450ABRT-R2 Datasheet HTML 9Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 10Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 11Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 12Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 13Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 14Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 15Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 16Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 13 of 28
3.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
POSITIVE DNL
NEGATIVE DNL
Figure 13. Change in DNL vs. VREF for the AD7450A for VDD = 5 V
2.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.2
2.5
VREF (V)
POSITIVE DNL
NEGATIVE DNL
Figure 14. Change in DNL vs. VREF for the AD7450A for VDD = 3 V
5
–5
–4
–3
–2
–1
0
1
2
3
4
0
0.5
1.0
1.5
2.5
2.0
3.0
3.5
VREF (V)
POSITIVE INL
NEGATIVE INL
Figure 15. Change in INL vs. VREF for the AD7450A for VDD = 5 V
2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
0.5
1.0
1.5
2.0
2.2
2.5
VREF (V)
POSITIVE INL
NEGATIVE INL
Figure 16. Change in INL vs. VREF for the AD7450A for VDD = 3 V
8
0
1
2
3
4
5
6
7
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
VDD = 5V
VDD = 3V
Figure 17. Change in Zero-Code Error vs. Reference Voltage for
VDD = 5 V and 3 V for the AD7450A
12.0
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
VDD = 5V
VDD = 3V
Figure 18. Change in ENOB vs. Reference Voltage for VDD = 5 V and 3 V
for the AD7450A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com