Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ABRT-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7450ABRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ABRT-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7450ABRT-R2 Datasheet HTML 12Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 13Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 14Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 15Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 16Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 17Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 18Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 19Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 16 of 28
TYPICAL CONNECTION DIAGRAM
Figure 26 shows a typical connection diagram for the
AD7440/AD7450A for both 5 V and 3 V supplies. In this setup,
the GND pin is connected to the analog ground plane of the
system. The VREF pin is connected to either a 2.5 V or a 2 V
decoupled reference source, depending on the power supply, to
set up the analog input range. The common-mode voltage has
to be set up externally and is the value on which the two inputs
are centered. The conversion result is output in a 16-bit word
with four leading zeros followed by the MSB of the 12-bit or
10-bit result. The 10-bit result of the AD7440 is followed by two
trailing zeros. For more details on driving the differential inputs
and setting up the common mode, refer to the Driving
Differential Inputs section.
AD7440/
AD7450A
0.1
μF
0.1
μF
10
μF
VREF
VDD
VIN+
SCLK
3V/5V
SUPPLY
SERIAL
INTERFACE
μC/μP
SDATA
CS
GND
VIN–
2V/2.5V
VREF
*CM IS THE COMMON-MODE VOLTAGE.
CM*
VREF
p-p
CM*
VREF
p-p
Figure 26. Typical Connection Diagram
ANALOG INPUT
The analog input of the AD7440/AD7450A is fully differential.
Differential signals have a number of benefits over single-
ended signals, including noise immunity based on the device’s
common-mode rejection, improvements in distortion perfor-
mance, doubling of the device’s available dynamic range, and
flexibility in input ranges and bias points. Figure 27 defines the
fully differential analog input of the AD7440/AD7450A.
VREF
p-p
VIN+
VIN–
VREF
p-p
AD7440/
AD7450A
COMMON-MODE
VOLTAGE
Figure 27. Differential Input Definitions
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN– pins
(i.e., VIN+ – VIN–). VIN+ and VIN– are simultaneously driven by
two signals each of amplitude VREF that are 180° out of phase.
The amplitude of the differential signal is therefore –VREF to
+VREF peak-to-peak (2 × VREF). This is true regardless of the
common mode (CM).
The common mode is the average of the two signals, that is,
(VIN+ + VIN–)/2 and is therefore the voltage that the two inputs
are centered on. This results in the span of each input being
CM ± VREF/2. This voltage has to be set up externally, and its
range varies with VREF. As the value of VREF increases, the
common-mode range decreases. When driving the inputs with
an amplifier, the actual common-mode range is determined by
the amplifier’s output voltage swing.
Figure 28 and Figure 29 show how the common-mode range
typically varies with VREF for both a 5 V and a 3 V power supply.
The common mode must be in this range to guarantee the
functionality of the AD7440/AD7450A.
For ease of use, the common mode can be set up to equal VREF,
resulting in the differential signal being ±VREF centered on VREF.
When a conversion takes place, the common mode is rejected,
resulting in a virtually noise-free signal of amplitude –VREF to
+VREF, corresponding to the digital codes of 0 to 4096 in the
case of the AD7450A and 0 to 1024 in the AD7440.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
1.75V
3.25V
COMMON-MODE RANGE
Figure 28. Input Common-Mode Range vs. VREF
(VDD = 5 V and VREF (Max) = 3.5 V)
2.5
0.5
1.0
1.5
2.0
0
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
VREF (V)
1V
2V
COMMON-MODE RANGE
Figure 29. Input Common-Mode Range vs. VREF
(VDD = 3 V and VREF (Max) =2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com