Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450ABRT-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7450ABRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ABRT-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7450ABRT-R2 Datasheet HTML 11Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 12Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 13Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 14Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 15Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 16Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 17Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 18Page - Analog Devices AD7450ABRT-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 15 of 28
CIRCUIT INFORMATION
The AD7440/AD7450A are 10-bit and 12-bit fast, low power,
single-supply, successive approximation analog-to-digital
converters (ADCs). They can operate with a 5 V or 3 V power
supply and are capable of throughput rates up to 1 MSPS when
supplied with an 18 MHz SCLK. They require an external
reference to be applied to the VREF pin, with the value of the
reference chosen depending on the power supply and what suits
the application.
When they are operated with a 5 V supply, the maximum
reference that can be applied is 3.5 V. When they are operated
with a 3 V supply, the maximum reference that can be applied is
2.2 V (see the Reference section).
The AD7440/AD7450A have an on-chip differential track-and-
hold amplifier, a successive approximation (SAR) ADC, and a
serial interface housed in either an 8-lead SOT-23 or an MSOP
package. The serial clock input accesses data from the part and
provides the clock source for the successive approximation
ADC. The AD7440/AD7450A feature a power-down option for
reduced power consumption between conversions. The power-
down feature is implemented across the standard serial interface
as described in the Modes of Operation section.
CONVERTER OPERATION
The AD7440/AD7450A are successive approximation ADCs
based around two capacitive DACs. Figure 23 and Figure 24
show simplified schematics of the ADC in acquisition and
conversion phase, respectively. The ADC is comprised of
control logic, an SAR, and two capacitive DACs. In Figure 23
(acquisition phase), SW3 is closed, SW1 and SW2 are in
Position A, the comparator is held in a balanced condition,
and the sampling capacitor arrays acquire the differential
signal on the input.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 23. ADC Acquisition Phase
When the ADC starts a conversion (Figure 24), SW3 opens and
SW1 and SW2 move to Position B, causing the comparator to
become unbalanced. Both inputs are disconnected once the
conversion begins. The control logic and the charge redistri-
bution DACs are used to add and subtract fixed amounts of
charge from the sampling capacitor arrays to bring the compar-
ator back into a balanced condition. When the comparator is
rebalanced, the conversion is complete. The control logic
generates the ADC’s output code. The output impedances of the
sources driving the VIN+ and the VIN– pins must be matched;
otherwise, the two inputs have different settling times, resulting
in errors.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 24. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding for the AD7440/AD7450A is twos
complement. The designed code transitions occur at successive
LSB values (1 LSB, 2 LSBs, and so on). The LSB size of the
AD7450A is 2 × VREF/4096, and the LSB size of the AD7440 is
2 × VREF/1024. The ideal transfer characteristic of the
AD7440/AD7450A is shown in Figure 25.
100...000
ANALOG INPUT
(VIN+ – VIN–)
011...111
100...001
100...010
011...110
000...001
111...111
1 LSB
1LSB = 2
×V
REF/4096 AD7450A
1LSB = 2
×V
REF/1024 AD7440
+VREF – 1 LSB
–VREF
0 LSB
000...000
Figure 25. AD7440/AD7450A Ideal Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com