Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ARDZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4817-1ARDZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARDZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4817-1ARDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 4 of 28
5 V OPERATION
TA = 25°C, +VS = 3 V, −VS = −2 V, G = 1, RF = 348 Ω for G > 1, RL = 100 Ω to ground, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VOUT = 0.1 V p-p
500
MHz
VOUT = 1 V p-p
160
MHz
VOUT = 0.1 V p- p, G = 2
280
MHz
Full Power Bandwidth
VIN = 1 V p-p, G = 2
95
MHz
0.1 dB Flatness
VOUT = 1 V p-p, G = 2
32
MHz
Slew Rate
VOUT = 2 V step
320
V/µs
Settling Time to 0.1%
VOUT = 1 V step, G = 2
11
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (HD2/HD3)
f = 1 MHz, VOUT = 1 V p-p, RL = 1 kΩ
−87/−88
dBc
f = 10 MHz, VOUT = 1 V p-p, RL = 1 kΩ
−68/−66
dBc
f = 50 MHz, VOUT = 1 V p-p, RL = 1 kΩ
−57/−55
dBc
Input Voltage Noise
f = 100 kHz
4
nV/√Hz
Input Current Noise
f = 100 kHz
2.5
fA/√Hz
DC PERFORMANCE
Input Offset Voltage
0.5
2.3
mV
Input Offset Voltage Drift
7
µV/°C
Input Bias Current
2
20
pA
TMIN to TMAX
100
pA
Input Bias Offset Current
1
pA
Open-Loop Gain
61
63
dB
INPUT CHARACTERISTICS
Input Resistance
Common mode
500
GΩ
Input Capacitance
Common mode
1.3
pF
Differential mode
0.1
pF
Input Common-Mode Voltage Range
−VS to +VS − 2.9
V
Common-Mode Rejection
VCM = ±0.25 V
−72
−83
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VIN = ±1.25 V, G = 2
13
ns
Output Voltage Swing
RL = 100 Ω
−VS + 1.3 to
+VS − 1.3
−VS + 1 to
+VS − 1.2
V
RL = 1 kΩ
−VS + 1 to
+VS − 1.1
−VS + 0.9 to
+VS − 1
V
Linear Output Current
1% output error
20
mA
Short-Circuit Current
Sinking/sourcing
40/130
mA
POWER-DOWN
PD Pin Voltage
Enabled
>+VS − 1
V
Powered down
<+VS − 3
V
Turn-On/Turn-Off Time
0.2/0.7
µs
Input Leakage Current
PD = +VS
0.2
3
µA
PD = −VS
31
53
µA
POWER SUPPLY
Operating Range
5
10
V
Quiescent Current per Amplifier
14
16
mA
Powered Down Quiescent Current
1.5
2.8
mA
Positive Power Supply Rejection
+VS = 4.75 V to 5.25 V, −VS = 0 V
−66
−71
dB
Negative Power Supply Rejection
+VS = 5 V, −VS = −0.25 V to +0.25 V
−63
−69
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com