Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ARDZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4817-1ARDZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARDZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4817-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 16 of 28
Table 8. Power-Down Voltage Control
PD Pin
±5 V
+3 V, −2 V
Not active
>4 V
>2 V
Active
<2 V
<0 V
CAPACITIVE FEEDBACK
Due to package variations and pin-to-pin parasitics between the
single and the dual models, the ADA4817-2 has a little more
peaking then the ADA4817-1, especially at a gain of 2. The best
way to tame the peaking is to place a feedback capacitor across
the feedback resistor. Figure 46 shows the small signal frequency
response of the ADA4817-2 at a gain of 2 vs. CF. At first, no CF
was used to show the peaking, but then two other values of
0.5 pF and 1 pF were used to show how to reduce the peaking or
even eliminate it. As shown in Figure 46, if the power consumption
is a factor in the system, then using a larger feedback capacitor
is acceptable as long as a feedback capacitor is used across it to
control the peaking. However, if power consumption is not an
issue, then a lower value feedback resistor, such as 200 Ω, would
not require any additional feedback capacitance to maintain
flatness and lower peaking.
9
6
3
0
–3
–6
–9
1M
10M
100M
1G
10G
FREQUENCY (Hz)
RF = 348Ω
G = 2
VS = 10V
VOUT = 100mV p-p
RL = 100Ω
CF = 1pF
CF = 0.5pF
NO CF
Figure 46. Small Signal Frequency Response vs. Feedback Capacitor
(ADA4817-2)
HIGHER FREQUENCY ATTENUATION
There is another package variation problem between the SOIC
and the LFCSP package. The SOIC package shows approximately
1 dB to 1.5 dB of additional peaking at a gain of 1. This is due to
the parasitic in the SOIC package, which is not recommended
for very high frequency parts that exceed 1 GHz. A good approach
to reducing the peaking is to place a resistor, RS, in series with
the noninverting input. This creates a first-order pole formed
by RS and CIN, the common-mode input capacitance.
Figure 47 shows the higher frequency attenuation, which
reduces the peaking but also reduces the −3 dB bandwidth.
–9
–6
–3
0
3
6
1M
10M
100M
1G
10G
FREQUENCY (Hz)
RS = 100Ω
RS = 75Ω
RS = 50Ω
RS = 0Ω
RL = 100Ω
VS = ±5V
VOUT = 0.1V p-p
G = 1
Figure 47. Small Signal Frequency Response for Various RS (SOIC)
As shown in Figure 47, the peaking dropped by almost 2 dB
when RS = 0 Ω to RS = 100 Ω, and in return, the −3 dB bandwidth
dropped from 1 GHz to 700 MHz. To maintain the −3 dB
bandwidth and to reduce peaking, an RLC circuit is recommended
instead of RS, as shown in Figure 48.
L
10nH
R
120Ω
C
2pF
Figure 48. RLC Circuit
The R in parallel to the series LC forms a notch that can be
shaped to compensate for the peaking produced by the amplifier.
The result is a smooth 1 GHz −3 dB bandwidth, 250 MHz 0.1 dB
flatness, and less than 1 dB of peaking. This circuit should be
placed in the path of the noninverting input when the ADA4817-x
is used at a gain of 1. The RLC values may need tweaking
depending on the source impedance and the flatness and band-
width required. Figure 49 shows the frequency response after the
RLC circuit is in place.
–9
–6
–3
0
3
6
1M
10M
100M
1G
10G
FREQUENCY (Hz)
RLC
NO RLC
RL = 100Ω
VS = 10V
VOUT = 100mV p-p
G = 1
Figure 49. Frequency Response with RLC Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com