Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ARDZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4817-1ARDZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARDZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4817-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADA4817-1/ADA4817-2
Rev. B | Page 21 of 28
HIGH SPEED JFET INPUT INSTRUMENTATION
AMPLIFIER
Figure 53 shows an example of a high speed instrumentation
amplifier with a high input impedance using the ADA4817-1/
ADA4817-2. The dc transfer function is
(
)


+
−
=
G
F
P
N
OUT
R
R
V
V
V
2
1
(16)
For G = 1, it is recommended that the feedback resistors for the
two preamps be set to 0 Ω and the gain resistor be open. The
system bandwidth for G = 1 is 400 MHz. For gains higher than 2,
the bandwidth is set by the preamp, and it can be approximated by
In-amp−3dB = (fCR × RG)/(2 × RF)
Common-mode rejection of the in-amp is primarily determined by
the match of resistor ratios, R1:R2 to R3:R4. It can be estimated by
(
)
(
) 2
1
1
2
1
δ
δ
+
δ
−
δ
=
CM
O
V
V
(17)
The summing junction impedance for the preamps is equal
to RF || 0.5(RG). Keep this value relatively low to improve the
bandwidth response like in the previous example.
VCC
VEE
10µF
0.1µF
10µF
0.1µF
RS1
VN
R2
350Ω
VP
ADA4817-1
VO
RG
VCC
VEE
VCC
VEE
R4
350Ω
RS2
10µF
0.1µF
10µF
0.1µF
R1
350Ω
R3
350Ω
RF = 500Ω
RF = 500Ω
10µF
0.1µF
10µF
0.1µF
ADA4817-2
U1
ADA4817-2
U2
Figure 53. High Speed Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com