Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ARDZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4817-1ARDZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARDZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4817-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 18 of 28
LEAKAGE CURRENTS
Poor PCB layout, contaminants, and the board insulator
material can create leakage currents that are much larger than
the input bias current of the ADA4817-1/ADA4817-2. Any
voltage differential between the inputs and nearby runs sets
up leakage currents through the PCB insulator, for example, 1 V/
100 GΩ = 10 pA. Similarly, any contaminants, such as skin oils
on the board, can create significant leakage. To reduce leakage
significantly, put a guard ring (shield) around the inputs and
input leads that are driven to the same voltage potential as the
inputs. This way there is no voltage potential between the inputs
and surrounding area to set up any leakage currents. For the
guard ring to be completely effective, it must be driven by a
relatively low impedance source and should completely
surround the input leads on all sides (above and below)
while using a multilayer board.
Another effect that can cause leakage currents is the charge
absorption of the insulator material itself. Minimizing the amount
of material between the input leads and the guard ring helps to
reduce the absorption. In addition, low absorption materials,
such as Teflon® or ceramic, can be necessary in some instances.
INPUT CAPACITANCE
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground. A
few picofarads of capacitance reduces the input impedance at high
frequencies, in turn increasing the gain of the amplifier, causing
peaking of the frequency response or even oscillations if severe
enough. It is recommended that the external passive components
connected to the input pins be placed as close as possible to the
inputs to avoid parasitic capacitance. The ground and power
planes must be kept at a small distance from the input pins on
all layers of the board.
INPUT-TO-INPUT/OUTPUT COUPLING
To minimize capacitive coupling between the inputs and outputs,
the output signal traces should not be parallel with the inputs.
In addition, the input traces should not be close to each other. A
minimum of 7 mils between the two inputs is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com