Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ARDZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4817-1ARDZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ARDZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4817-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADA4817-1/ADA4817-2
Rev. B | Page 19 of 28
APPLICATIONS INFORMATION
LOW DISTORTION PINOUT
The ADA4817-1/ADA4817-2 feature a new low distortion
pinout from Analog Devices. The new pinout provides two
advantages over the traditional pinout. The first advantage is
improved second harmonic distortion performance, which is
accomplished by the physical separation of the noninverting
input pin and the negative power supply pin. The second
advantage is the simplification of the layout due to the dedicated
feedback pin and easy routing of the gain set resistor back to
the inverting input pin. This allows a compact layout, which
helps to minimize parasitics and increase stability.
The designer does not need to use the dedicated feedback pin to
provide feedback for the ADA4817-1/ADA4817-2. The output
pin of the ADA4817-1/ADA4817-2 can still be used to provide
feedback to the inverting input of the ADA4817-1/ADA4817-2.
WIDEBAND PHOTODIODE PREAMP
The wide bandwidth and low noise of the ADA4817-1/
ADA4817-2 make it an ideal choice for transimpedance
amplifiers, such as those used for signal conditioning with
high speed photodiodes. Figure 50 shows an I/V converter
with an electrical model of a photodiode. The basic transfer
function is
F
F
F
PHOTO
OUT
R
sC
R
I
V
1
(13)
where:
IPHOTO
is the output current of the photodiode.
The parallel combination of RF and CF sets the signal bandwidth.
RSH = 1011Ω
RF
CF
CM
CM
CD
CS
VB
IPHOTO
VOUT
Figure 50. Wideband Photodiode Preamp
The stable bandwidth attainable with this preamp is a function
of RF, the gain bandwidth product of the amplifier, and the total
capacitance at the summing junction of the amplifier, including the
photodiode capacitance (CS) and the amplifier input capacitance.
RF and the total capacitance produce a pole in the amplifier’s
loop transmission that can result in peaking and instability.
Adding CF creates a zero in the loop transmission that compen-
sates for the effect of the pole and reduces the signal bandwidth.
It can be shown that the signal bandwidth obtained with a 45°
phase margin (f(45)) is defined by
)
(
2
)
45
(
D
M
S
F
CR
C
C
C
R
f
f
(14)
where:
fCR
is the amplifier crossover frequency.
RF
is the feedback resistor.
CS
is the source capacitance including the photodiode and the
board parasitic.
CM
is the common-mode capacitance of the amplifier.
CD
is the differential capacitance of the amplifier.
The value of CF that produces f(45) can be shown to be
CR
F
D
M
S
F
f
R
C
C
C
C
2
(15)
The frequency response shows less peaking if bigger CF values
are used.
The preamplifier output noise over frequency is shown in
Figure 51.
VEN (CF + CS + CM + CD)/CF
FREQUENCY (Hz)
NOISE DUE TO AMPLIFIER
VEN
f2
f3
f1
RF NOISE
f1 =
1
2 RF (CF + CS + CM + CD)
f2 =
1
2 RFCF
f3 =
fCR
(CF + CS + CM + CD)/CF
Figure 51. Photodiode Voltage Noise Contributions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com