Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4817-2ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4817-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADA4817-1/ADA4817-2
Rev. B | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
10.6 V
Power Dissipation
See Figure 4
Common-Mode Input Voltage
−VS − 0.5 V to +VS + 0.5 V
Differential Input Voltage
±VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in the circuit board for the
surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
LFCSP_VD (ADA4817-1)
94
29
°C/W
SOIC_N_EP (ADA4817-1)
79
29
°C/W
LFCSP_WQ (ADA4817-2)
64
14
°C/W
MAXIMUM SAFE POWER DISSIPATION
The maximum safe power dissipation for the ADA4817-1/
ADA4817-2 are limited by the associated rise in junction
temperature (TJ) on the die. At approximately 150°C (which is
the glass transition temperature), the properties of the plastic
change. Even temporarily exceeding this temperature limit may
change the stresses that the package exerts on the die, permanently
shifting the parametric performance of the ADA4817-x. Exceeding
a junction temperature of 175°C for an extended period can result
in changes in silicon devices, potentially causing degradation or
loss of functionality.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
die due to the ADA4817-1/ADA4817-2 drive at the output.
The quiescent power is the voltage between the supply pins (VS)
multiplied by the quiescent current (IS).
PD = Quiescent Power + (Total Drive Power – Load Power) (1)
(
)
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
–
2


×
+
×
=
(2)
Consider RMS output voltages. If RL is referenced to −VS, as
in single-supply operation, the total drive power is VS × IOUT. If
the rms signal levels are indeterminate, consider the worst-case
scenario, when VOUT = VS/4 for RL to midsupply.
(
) (
)
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
(3)
In single-supply operation with RL referenced to −VS, the worst-
case situation is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA.
More metal directly in contact with the package leads and
exposed paddle from metal traces, throughholes, ground,
and power planes also reduces θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the exposed paddle
LFCSP_VD (single 94°C/W), SOIC_N_EP (single 79°C/W)
and LFCSP_WQ (dual 64°C/W) package on a JEDEC standard
4-layer board. θJA values are approximations.
3.5
0
–40
AMBIENT TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
0.5
–30 –20 –10
0
10
20
30
40
50
60
70
80
90 100
ADA4817-1, LFCSP
ADA4817-2, LFCSP
ADA4817-1, SOIC
Figure 4. Maximum Safe Power Dissipation vs. Ambient Temperature for
a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com