Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4817-2ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4817-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 6 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
1
PD
2
FB
3
–IN
4
+IN
7 OUT
8 +VS
6 NC
5 –VS
ADA4817-1
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO GROUND PLANE OR NEGATIVE
SUPPLY PLANE.
Figure 5. ADA4817-1 Pin Configuration (8-Lead LFCSP)
Table 5. ADA4817-1 Pin Function Descriptions (8-Lead LFCSP)
Pin No.
Mnemonic
Description
1
PD
Power-Down. Do not leave floating.
2
FB
Feedback Pin.
3
−IN
Inverting Input.
4
+IN
Noninverting Input.
5
−VS
Negative Supply.
6
NC
No Connect.
7
OUT
Output.
8
+VS
Positive Supply.
Exposed pad (EPAD)
Exposed Pad. Can be connected to GND, −VS plane, or left floating.
FB
1
–IN
2
+IN
3
–VS 4
PD
8
+VS
7
OUT
6
NC
5
NC = NO CONNECT
ADA4817-1
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO GROUND PLANE OR NEGATIVE
SUPPLY PLANE.
Figure 6. ADA4817-1 Pin Configuration (8-Lead SOIC)
Table 6. ADA4817-1 Pin Function Descriptions (8-Lead SOIC)
Pin No.
Mnemonic
Description
1
FB
Feedback Pin.
2
−IN
Inverting Input.
3
+IN
Noninverting Input.
4
−VS
Negative Supply.
5
NC
No Connect.
6
OUT
Output.
7
+VS
Positive Supply.
8
PD
Power-Down. Do not leave floating.
Exposed pad (EPAD)
Exposed Pad. Can be connected to GND, −VS plane, or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com