Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4817-2ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4817-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 20 of 28
45
40
35
30
25
20
15
10
5
0
–5
0.1
1
10
100
1000
FREQUENCY (MHz)
G = 63V/V
RL = 100Ω
VS = 10V
VOUT = 6V p-p
Figure 52. Photodiode Preamp Frequency Response
The pole in the loop transmission translates to a zero in the
noise gain of the amplifier, leading to an amplification of the
input voltage noise over frequency.
The loop transmission zero introduced by CF limits the
amplification. The noise gain bandwidth extends past the pre-
amp signal bandwidth and is eventually rolled off by the decreasing
loop gain of the amplifier. The current equivalent noise from the
inverting terminal is typically negligible for most applications.
The innovative architecture used in the ADA4817-1/ADA4817-2
makes balancing both inputs unnecessary, as opposed to traditional
FET input amplifiers. Therefore, minimizing the impedance
seen from the noninverting terminal to ground at all frequencies
is critical for optimal noise performance.
Integrating the square of the output voltage noise spectral density
over frequency and then taking the square root allows users
to obtain the total rms output noise of the preamp. Table 9
summarizes approximations for the amplifier and feedback
and source resistances. Noise components for an example
preamp with RF = 50 kΩ, CS = 30 pF, and CF = 0.5 pF
(bandwidth of about 6.4 MHz) are also listed.
Table 9. RMS Noise Contributions of Photodiode Preamp
Contributor
Expression
RMS Noise with RF = 50 kΩ, CS = 30 pF, CF = 0.5 pF
RF
57
.
1
4
2 ×
×
×
f
R
kT
F
94 µV
VEN Amp
57
.
1
3 ×
×
+
+
+
×
f
C
C
C
C
C
VEN
F
F
D
M
S
777.5 µV
IEN Amp
57
.
1
2 ×
×
×
f
R
IEN
F
0.4 µV
783 µV (total)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com