Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4817-2ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4817-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADA4817-1/ADA4817-2
Rev. B | Page 7 of 28
NC = NO CONNECT
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO THE GROUND PLANE OR NEGATIVE
SUPPLY PLANE.
1
–IN1
2
+IN1
3
NC
4
–VS2
11 NC
12 –VS1
10 +IN2
9
–IN2
ADA4817-2
TOP VIEW
(Not to Scale)
Figure 7. ADA4817-2 Pin Configuration (16-Lead LFCSP)
Table 7. 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN1
Inverting Input 1.
2
+IN1
Noninverting Input 1.
3, 11
NC
No Connect.
4
−VS2
Negative Supply 2.
5
OUT2
Output 2.
6
+VS2
Positive Supply 2.
7
PD2
Power-Down 2. Do not leave floating.
8
FB2
Feedback Pin 2.
9
−IN2
Inverting Input 2.
10
+IN2
Noninverting Input 2.
12
−VS1
Negative Supply 1.
13
OUT1
Output 1.
14
+VS1
Positive Supply 1.
15
PD1
Power-Down 1. Do not leave floating.
16
FB1
Feedback Pin 1.
Exposed pad (EPAD)
Exposed Pad. Can be connected to GND, −VS plane, or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com