Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4817-2ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4817-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADA4817-1/ADA4817-2
Data Sheet
Rev. B | Page 14 of 28
THEORY OF OPERATION
The ADA4817-1/ADA4817-2 are voltage feedback operational
amplifiers that combine new architecture for FET input operational
amplifiers with the eXtra Fast Complementary Bipolar (XFCB)
process from Analog Devices, resulting in an outstanding
combination of speed and low noise. The innovative high speed
FET input stage handles common-mode signals from the negative
supply to within 2.7 V of the positive rail. This stage is combined
with an H-bridge to attain a 870 V/μs slew rate and low distortion,
in addition to 4 nV/√Hz input voltage noise. The amplifier
features a high speed output stage capable of driving heavy loads
sourcing and sinking up to 40 mA of linear current. Supply current
and offset current are laser trimmed for optimum performance.
These specifications make the ADA4817-1/ ADA4817-2 a great
choice for high speed instrumentation and high resolution data
acquisition systems. Its low noise, picoamp input current, precision
offset, and high speed make them superb preamps for fast photo-
diode applications.
CLOSED-LOOP FREQUENCY RESPONSE
The ADA4817-1/ADA4817-2 are classic voltage feedback
amplifiers with an open-loop frequency response that can be
approximated as the integrator response shown in Figure 43. Basic
closed-loop frequency response for inverting and noninverting
configurations can be derived from the schematics shown in
Figure 41 and Figure 42.
RF
A
VOUT
RG
VIN
VE
Figure 41. Noninverting Configuration
RF
VE
A
VOUT
RG
VIN
Figure 42. Inverting Configuration
NONINVERTING CLOSED-LOOP FREQUENCY
RESPONSE
Solving for the transfer function,
(
)
(
)
G
CROSSOVER
G
F
F
G
CROSSOVER
I
O
R
f
S
R
R
R
R
f
V
V
×
×
π
+
+
+
×
π
=
2
2
(4)
where fCROSSOVER is the frequency where the amplifier’s open-loop
gain equals 0 dB.
At dc,
G
G
F
I
O
R
R
R
V
V
+
=
(5)
Closed-loop −3 dB frequency
G
F
G
CROSSOVER
3dB
R
R
R
f
f
+
×
=
−
(6)
INVERTING CLOSED-LOOP FREQUENCY RESPONSE
Solving for the transfer function,
(
)
G
CROSSOVER
G
F
F
CROSSOVER
I
O
R
f
S
R
R
R
f
V
V
×
×
π
+
+
×
×
π
−
=
2
2
(7)
At dc
G
F
I
O
R
R
V
V
−
=
(8)
Solve for closed-loop −3 dB frequency by,
G
F
G
CROSSOVER
dB
R
R
R
f
f
+
×
=
−3
(9)
FREQUENCY (MHz)
80
60
0.1
1000
1
100
10
40
20
0
fCROSSOVER = 410MHz
A = (2
π × fCROSSOVER)/s
Figure 43. Open-Loop Gain vs. Frequency and Basic Connections
The closed-loop bandwidth is inversely proportional to the noise
gain of the op amp circuit, (RF + RG)/RG. This simple model is
accurate for noise gains above 2. The actual bandwidth of circuits
with noise gains at or below 2 is higher than those predicted
with this model due to the influence of other poles in the
frequency response of the real op amp.
Figure 44 shows a voltage feedback amplifier’s dc errors. For
both inverting and noninverting configurations,
(
)


+
+
×
−


+
×
=
−
+
G
F
G
OS
F
b
G
F
G
S
b
OUT
R
R
R
V
R
I
R
R
R
R
I
error
V
(10)
RF
A
RG
Ib–
RS
Ib+
+VOS –
VOUT
VIN
Figure 44. Voltage Feedback Amplifier’s DC Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com