Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247BKSZ100-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5247BKSZ100-R2
Description  128-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5247BKSZ100-R2 Datasheet HTML 8Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 9Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 10Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 11Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 12Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 13Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 14Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 15Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 12 of 20
TEST CIRCUITS
Figure 27 to Figure 32 define the test conditions used in the Specifications section.
A
W
B
DUT
V+
V+ = VDD
1LSB = V+/2N
VMS
Figure 27. Potentiometer Divider Nonlinearity Error (INL, DNL)
VMS
NO CONNECT
A
W
B
DUT
IW
Figure 28. Resistor Position Nonlinearity Error (R-INL, R-DNL)
VMS2
A
W
B
DUT
VMS1
VW
IW = VDD/RNOMINAL
RW = [VMS1 – VMS2]/IW
Figure 29. Wiper Resistance
V+ = VDD ± 10%
DUT
A
W
B
V+
VMS
VA
VDD
ΔVMS%
ΔVDD%
PSSR (%/%) =
Figure 30. Power Supply Sensitivity (PSS, PSSR)
W
A
B
+15V
DUT
–15V
VOUT
OP27
VIN
Figure 31. Gain vs. Frequency
VDD
A
W
B
GND
ICM
VCM
NC
DUT
NC
Figure 32. Common-Mode Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com