Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247BKSZ100-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5247BKSZ100-R2
Description  128-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5247BKSZ100-R2 Datasheet HTML 10Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 11Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 12Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 13Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 14Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 15Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 16Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 17Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 14 of 20
THEORY OF OPERATION
The AD5247 is a 128-position, digitally-controlled variable
resistor (VR) device. An internal power-on preset places the
wiper at midscale during power-on, which simplifies the
default condition recovery at power-up.
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance (RAB) of the RDAC between Terminal A
and Terminal B is available in 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ. The
final two or three digits of the part number determine the nominal
resistance value; for example, 10 kΩ = 10 and 50 kΩ = 50. The
RAB of the VR has 128 contact points accessed by the wiper
terminal, plus the B terminal contact. The 7-bit data in the
RDAC latch is decoded to select one of the 128 possible settings.
Assuming a 10 kΩ part is used, the wiper’s first connection starts
at the B terminal for Data 0x00. Because there is a 50 Ω wiper
contact resistance, such a connection yields a minimum of 100 Ω
(2 × 50 Ω) resistance between Terminal W and Terminal B. The
second connection is the first tap point, corresponding to 178 Ω
(RWB = RAB/128 + RW = 78 Ω + 2 × 50 Ω) for Data 0x01. The third
connection is the next tap point, representing 256 Ω (2 × 78 Ω
+ 2 × 50 Ω) for Data 0x02, and so on. Each LSB data value increase
moves the wiper up the resistor ladder until the last tap point is
reached at 10,100 Ω (RAB + 2 × RW).
Figure 35 shows a simplified diagram of the equivalent RDAC
circuit where the last resistor string is not accessed.
Bx
Wx
Ax
D6
D4
D5
D2
D3
D1
D0
RDAC
LATCH
AND
DECODER
RS
RS
RS
Figure 35. AD5247 Equivalent RDAC Circuit
The general equation determining the digitally programmed
output resistance between W and B is
W
AB
WB
R
R
D
(D)
R
×
+
×
=
2
128
(1)
where:
D is the decimal equivalent of the binary code loaded in the
7-bit RDAC register.
RAB is the end-to-end resistance.
RW is the wiper resistance contributed by the on resistance of
the internal switch.
In summary, if RAB = 10 kΩ and the Terminal A is open-circuited,
the output resistance RWB, shown in Table 9, is set for the indicated
RDAC latch codes.
Table 9. Codes and Corresponding RWB Resistance
D (Decimal)
RWB (Ω)
Output State
127
10,072
Full scale (RAB + 2 × RW)
64
5150
Midscale
1
228
1 LSB
0
150
Zero scale (wiper contact resistance)
Note that in the zero-scale condition, a finite resistance of
100 Ω between Terminal W and Terminal B is present. Care
should be taken to limit the current flow between W and B in
this state to a maximum pulse current of no more than 20 mA.
Otherwise, degradation or possible destruction of the internal
switch contact can occur.
Similar to the mechanical potentiometer, the resistance of
the RDAC between Wiper W and Terminal A also produces a
digitally controlled complementary resistance, RWA. When
these terminals are used, the Terminal B can be opened. Set the
resistance value for RWA to start at a maximum value of resistance
and to decrease the data loaded in the latch increases in value.
The general equation for this operation is
W
AB
WA
R
R
D
(D)
R
×
+
×
−
=
2
128
128
(2)
If RAB = 10 kΩ and the B terminal is open-circuited, the output
resistance, RWA, shown in Table 10, is set for the indicated RDAC
latch codes.
Table 10. Codes and Corresponding RWA Resistance
D (Decimal)
RWA (Ω)
Output State
127
228
Full scale
64
5150
Midscale
1
10,071
1 LSB
0
10,150
Zero scale
Typical device-to-device matching is process lot dependent
and can vary by up to ±30%. Because the resistance element
is processed in thin film technology, the change in RAB with
temperature has a very low 45 ppm/°C temperature coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com