Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247BKSZ100-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5247BKSZ100-R2
Description  128-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD5247BKSZ100-R2 Datasheet HTML 1Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 2Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 3Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 4Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 5Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 6Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 7Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 8Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 kΩ Version.................................. 3
Electrical Characteristics—10 kΩ, 50 kΩ, and 100 kΩ
Versions.......................................................................................... 4
Timing Characteristics—5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
Versions.......................................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 12
I2C Interface .................................................................................... 13
Theory of Operation ...................................................................... 14
Programming the Variable Resistor......................................... 14
Programming the Potentiometer Divider............................... 15
I2C-Compatible 2-Wire Serial Bus........................................... 15
Level Shifting for Bidirectional Interface................................ 16
ESD Protection ........................................................................... 16
Terminal Voltage Operating Range ......................................... 16
Maximum Operating Current .................................................. 16
Power-Up Sequence ................................................................... 16
Layout and Power Supply Bypassing ....................................... 17
Constant Bias to Retain Resistance Setting............................. 17
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
5/12—Rev. E to Rev. F
Changes to Features and General Description Sections.............. 1
Changes to IDD Parameters, Table 1................................................ 3
Changes to IDD Parameters, Table 2................................................ 4
Changes to Figure 15........................................................................ 9
Changes to Figure 16...................................................................... 10
Removed Evaluation Board Section............................................. 17
Changes to Ordering Guide .......................................................... 18
1/11—Rev. D to Rev. E
Change to Table 1, Added Output Logic Low .............................. 3
Change to Table 2, Added Output Logic Low .............................. 4
3/10—Rev. C to Rev. D
Changes to Table 9 and Table 10................................................... 14
10/09—Rev. B to Rev. C
Changes to Zero-Scale Error (10 kΩ) Parameter, Table 2........... 4
Changes to Ordering Guide .......................................................... 18
3/07—Rev. A to Rev. B
Changes to General Description Section .......................................1
Added Table 8 ................................................................................. 13
Changes to I2C-Compatible 2-Wire Serial Bus Section ............ 15
Changes to Ordering Guide.......................................................... 18
7/06—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Changes to Absolute Maximum Ratings section ..........................6
Changes to Ordering Guide.......................................................... 18
9/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com