Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247BKSZ100-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5247BKSZ100-R2
Description  128-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5247BKSZ100-R2 Datasheet HTML 12Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 13Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 14Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 15Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 16Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 17Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 18Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 19Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 18 of 20
OUTLINE DIMENSIONS
1.30 BSC
COMPLIANT TO JEDEC STANDARDS MO-203-AB
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
12
4
6
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 42. 6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Temperature Range
Package Description2
Package
Option
Branding
AD5247BKSZ5-RL7
5
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D96
AD5247BKSZ10-RL7
10
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D95
AD5247BKSZ10-1RL7
10
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D5E
AD5247BKSZ10-2RL7
10
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
DAK
AD5247BKSZ50-RL7
50
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D97
AD5247BKSZ100-R2
100
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D98
AD5247BKSZ100-RL7
100
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D98
AD5247BKSZ100-1RL7
100
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
DAJ
AD5247BKSZ100-2RL7
100
–40°C to +125°C
6-lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
DAL
EVAL-AD5247DBZ
Evaluation Board
1 Z = RoHS compliant part.
2 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com