Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5247BKSZ100-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5247BKSZ100-R2
Description  128-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5247BKSZ100-R2 Datasheet HTML 11Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 12Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 13Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 14Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 15Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 16Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 17Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 18Page - Analog Devices AD5247BKSZ100-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD5247
Rev. F | Page 15 of 20
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A, proportional to the input voltage
at A-to-B. Unlike the polarity of VDD to GND, which must be
positive, voltage across A-to-B, W-to-A, and W-to-B can be at
either polarity.
If ignoring the effect of the wiper resistance for approximation,
connecting the Terminal A to 5 V and the Terminal B to ground
produces an output voltage at the wiper-to-B starting at 0 V up
to 1 LSB less than 5 V. Each LSB of voltage is equal to the voltage
applied across Terminal A and Terminal B divided by the 128
positions of the potentiometer divider. The general equation
defining the output voltage at VW with respect to ground for any
valid input voltage applied to Terminal A and Terminal B is
A
W
V
D
D
V
×
=
128
)
(
(3)
A more accurate calculation that includes the effect of wiper
resistance, VW, is
A
AB
WB
W
V
R
(D)
R
(D)
V
×
=
(4)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
rheostat mode, divider mode makes the output voltage mainly on
the ratio of Internal Resistor RWA to Internal Resistor RWB, and
not the absolute values. Therefore, the temperature drift reduces
to 15 ppm/°C.
I2C-COMPATIBLE 2-WIRE SERIAL BUS
The first byte of the AD5247 is a slave address byte (see the I2C
Interface section). It has a 7-bit slave address and an R/W bit.
The 5 kΩ and 50 kΩ options support one 7-bit slave address
while the 10 kΩ and 100 kΩ options each have three hard-coded
slave address options available (see Table 8 for a full list of slave
address locations). The extra hard coded slave addresses on the
10 kΩ and 100 kΩ options allow users to employ up to three of
these devices on one I2C bus. The seven MSBs of the slave address
are followed by 0 for a write command or 1 to place the device
in read mode.
The 2-wire I2C serial bus protocol operates as follows:
1. The master initiates a data transfer by establishing a start
condition, which is when a high-to-low transition on the
SDA line occurs while SCL is high (see Figure 33). The
following byte is the slave address byte, consisting of the
7-bit slave address followed by an R/W bit (this bit determines
whether data is read from or written to the slave device). The
slave, whose address corresponds to the transmitted address,
responds by pulling the SDA line low during the ninth clock
pulse (this is termed the acknowledge bit). At this stage, all
other devices on the bus remain idle while the selected
device waits for data to be written to or read from its serial
register. If the R/W bit is high, the master reads from the
slave device. If the R/W bit is low, the master writes to the
slave device.
2. In write mode, after acknowledgement of the slave address
byte, the next byte is the data byte. Data is transmitted over
the serial bus in sequences of nine clock pulses (eight data
bits followed by an acknowledge bit). The transitions on
the SDA line must occur during the low period of SCL
and remain stable during the high period of SCL (see
Figure 33).
3. In read mode, after acknowledgment of the slave address
byte, data is received over the serial bus in sequences of
nine clock pulses (a slight difference from write mode,
where eight data bits are followed by an acknowledge bit).
Similarly, the transitions on the SDA line must occur
during the low period of SCL and remain stable during
the high period of SCL (see Figure 34).
4. When all data bits have been read or written, a stop con-
dition is established by the master. A stop condition is
defined as a low-to-high transition on the SDA line while
SCL is high. In write mode, the master pulls the SDA line
high during the 10th clock pulse to establish a stop condition
(see Figure 33). In read mode, the master issues a no
acknowledge for the ninth clock pulse (that is, the SDA
line remains high). The master then brings the SDA line
low before the 10th clock pulse, which goes high to establish
a stop condition (see Figure 34).
A repeated write function gives the user flexibility to update the
RDAC output a number of times after addressing the part only
once. For example, after the RDAC has acknowledged its slave
address in the write mode, the RDAC output updates on each
successive byte. If different instructions are needed, the write/read
mode has to start again with a new slave address and data byte.
Similarly, a repeated read function of the RDAC is also allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com