Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-1YRDZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4898-1YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4898-1YRDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
Rev. D | Page 3 of 20
SPECIFICATIONS
±15 V SUPPLY
TA = 25°C, G = +1, RF = 0 Ω, RG open, RL = 1 kΩ to GND (for G > 1, RF = 100 Ω), unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 100 mV p-p
65
MHz
VOUT = 2 V p-p
14
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p
3.3
MHz
Slew Rate
VOUT = 5 V step
55
V/µs
Settling Time to 0.1%
VOUT = 5 V step
85
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion SFDR
f = 100 kHz, VOUT = 2 V p-p
−116
dBc
f = 500 kHz, VOUT = 2 V p-p
−93
dBc
f = 1 MHz, VOUT = 2 V p-p
−79
dBc
Input Voltage Noise
f = 1 kHz
0.9
nV/√Hz
Input Current Noise
f = 1 kHz
2.4
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
RF = 1 kΩ, see Figure 43
20
125
µV
Input Offset Voltage Drift
RF = 1 kΩ, see Figure 43
1
µV/°C
Input Bias Current
RF = 1 kΩ, see Figure 43
−0.1
−0.4
µA
Input Bias Offset Current
RF = 1 kΩ, see Figure 43
0.03
0.3
µA
Input Bias Current Drift
RF = 1 kΩ, see Figure 43
2
nA/°C
Open-Loop Gain
VOUT = ±5 V
99
103
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
5
kΩ
Common mode
30
MΩ
Input Capacitance
Differential mode
3.2
pF
Common mode
2.5
pF
Input Common-Mode Voltage Range
See Figure 43
±11
V
Common-Mode Rejection Ratio
VCM = ±2 V
−103
−126
dB
PD (POWER-DOWN) PIN (ADA4898-1)
PD Input Voltages
Chip powered down
≤−14
V
Chip enabled
≥−13
V
PD Turn On Time
VOUT = 100 mV p-p
100
ns
PD Turn Off Time
VOUT = 100 mV p-p
20
μs
Input Leakage Current
PD = +VS
0.1
µA
PD = −VS
−0.2
µA
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL // (RF + RG) = 500 Ω, see Figure 43
−11.0 to +11.8
−11.7 to +12.1
V
RL // (RF + RG) = 1 kΩ, see Figure 43
−12.5 to +12.5
−12.8 to +12.7
V
Linear Output Current
f = 100 kHz, SFDR = −70 dBc, RL = 150 Ω
40
mA
Short-Circuit Current
Sinking/sourcing
150
mA
Off Isolation
f = 1 MHz, PD = −VS
80
dB
POWER SUPPLY
Operating Range
±4.5
±16.5
V
Quiescent Current per Amplifier
PD = +VS
7.9
8.7
mA
PD = −VS
0.1
0.3
mA
Positive Power Supply Rejection Ratio
+VS = 15 V to 17 V, −VS = −15 V
−98
−107
dB
Negative Power Supply Rejection Ratio
+VS = 15 V, −VS = −15 V to −17 V
−100
−114
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com