Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-1YRDZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4898-1YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4898-1YRDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Voltage, Low Noise, Low Distortion,
Unity-Gain Stable, High Speed Op Amp
Data Sheet
ADA4898-1/ADA4898-2
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008-2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow noise
0.9 nV/√Hz
2.4 pA/√Hz
1.2 nV/√Hz at 10 Hz
Ultralow distortion: −93 dBc at 500 kHz
Wide supply voltage range: ±5 V to ±16 V
High speed
−3 dB bandwidth: 65 MHz (G = +1)
Slew rate: 55 V/µs
Unity gain stable
Low input offset voltage: 160 µV maximum
Low input offset voltage drift: 1 μV/°C
Low input bias current: −0.1 µA
Low input bias current drift: 2 nA/°C
Supply current: 8 mA
Power-down feature for single 8-lead package
APPLICATIONS
Instrumentation
Active filters
DAC buffers
SAR ADC drivers
Optoelectronics
CONNECTION DIAGRAM
NC
1
–IN
2
+IN
3
–VS 4
PD
8
+VS
7
VOUT
6
NC
5
NC = NO CONNECT
TOP VIEW
(Not to Scale)
ADA4898-1
Figure 1. Single 8-Lead ADA4898-1 SOIC_N_EP (RD-8-1)
VOUT1 1
–IN1
2
+IN1
3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
ADA4898-2
TOP VIEW
(Not to Scale)
Figure 2. Dual 8-Lead ADA4898-2 SOIC_N_EP (RD-8-2)
GENERAL DESCRIPTION
The ADA4898 is an ultralow noise and distortion, unity gain
stable, voltage feedback op amp that is ideal for use in 16-bit and
18-bit systems with power supplies from ±5 V to ±16 V. The
ADA4898 features a linear, low noise input stage and internal
compensation that achieves high slew rates and low noise.
With the wide supply voltage range, low offset voltage, and wide
bandwidth, the ADA4898 is extremely versatile, and it features a
cancellation circuit that reduces input bias current.
The ADA4898 is available in an 8-lead SOIC package that
features an exposed metal paddle to improve power dissipation and
heat transfer to the negative supply plane. This EPAD offers a
significant thermal relief over traditional plastic packages. The
ADA4898 is rated to work over the extended industrial
temperature range of −40°C to +105°C.
FREQUENCY (Hz)
1
0.1
1
10
0.1
1
10
10
100
1k
10k
100k
CURRENT
VOLTAGE
Figure 3. Input Voltage Noise and Current Noise vs. Frequency


Similar Part No. - ADA4898-1YRDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
432Kb / 16P
High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
431Kb / 20P
High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Rev. E
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
430Kb / 20P
High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Rev. E
More results

Similar Description - ADA4898-1YRDZ-R7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
May 16, 2005
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
Triple Low-Power 60MHz Unity-Gain Stable Op Amp
September 1996
logo
Analog Devices
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
4/06-Rev. 0 to Rev. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4898-1 AD-ADA4898-1 Datasheet
432Kb / 16P
High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
Rev. D
ADA4898-1 AD-ADA4898-1_15 Datasheet
431Kb / 20P
High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Rev. E
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com