Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-1YRDZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4898-1YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4898-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
Rev. D | Page 12 of 20
1000
800
600
400
200
0
INPUT BIAS CURRENT (µA)
–0.15
–0.20
–0.25
–0.10
0
–0.05
N = 6180
MEAN: –0.13
SD: 0.02
VS = ±15V
Figure 36. Input Bias Current Distribution
1000
800
600
400
200
0
INPUT OFFSET VOLTAGE (µV)
0
–30
–60
30
120
90
60
N = 6180
MEAN: 27
SD: 20
VS = ±15V
Figure 37. Input Offset Voltage Distribution, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com