Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-1YRDZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4898-1YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4898-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
Rev. D | Page 11 of 20
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
100
10M
1k
100k
1M
10k
G = +1
RF = 0Ω
RL = 100Ω
VS = ±15V
∆VCM = 1V p-p
∆VCM = 100mV p-p
Figure 31. Common-Mode Rejection Ratio (CMRR) vs. Frequency
–75
–65
–55
–45
100k
1M
10M
100M
VOUT = 0.1V p-p
FREQUENCY (Hz)
G = +1
RL = 1kΩ
VS = ±15V
VOUT = 2V p-p
Figure 32. PD Input to Output Isolation vs. Frequency
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
G = +1
RF = 0Ω
RL = 100Ω
VS = ±15V
VOUT = 2V p-p
+PSRR
–PSRR
Figure 33. Power Supply Rejection Ratio (PSRR) vs. Frequency
15
12
9
6
3
0
5
4
3
2
1
0
50
100
1000
4000
LOAD RESISTANCE (Ω)
POSITIVE SWING,
VS = +15V
NEGATIVE SWING,
VS = –15V
POSITIVE SWING, VS = +5V
NEGATIVE SWING,
VS = –5V
Figure 34 Output Swing vs. Load, G = +2, Load = RL // (RF + RG)
–110
–40
–50
–60
–70
–80
–90
–100
FREQUENCY (MHz)
1
10
100
G = +1
RL = 1kΩ
VOUT = 2V p-p
+IN1 TO VOUT2, VS = ±5V
+IN1 TO VOUT2, VS = ±15V
+IN2 TO VOUT1, VS = ±5V
+IN2 TO VOUT1, VS = ±15V
Figure 35. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com