Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4898-1YRDZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4898-1YRDZ-R7
Description  High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4898-1YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4898-1YRDZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
Rev. D | Page 14 of 20
THEORY OF OPERATION
The ADA4898 is a voltage feedback op amp that combines unity
gain stability with 0.9 nV/√Hz input noise. It employs a highly
linear input stage that can maintain greater than −90 dBc (at
2 V p-p) distortion out to 600 kHz while in a unity-gain
configuration. This rare combination of unity gain stability, low
input-referred noise, and extremely low distortion is the result
of Analog Devices, Inc., proprietary op amp architecture and
high voltage bipolar processing technology.
The simplified ADA4898 topology, shown in Figure 44, is a
single gain stage with a unity gain output buffer. It has over 100 dB
of open-loop gain and maintains precision specifications, such
as CMRR, PSRR, and offset, to levels that are normally associated
with topologies having two or more gain stages.
BUFFER
gm
CC
R1
RL
VOUT
Figure 44. Topology
PD (POWER-DOWN) PIN FOR THE ADA4898-1
The PD pin saves power by decreasing the quiescent power
dissipated in the device. It is very useful when power is an issue
and the device does not need to be turned on at all times. The
response of the device is rapid when going from power-down
mode to full power operation mode. Note that PD does not put
the output in a high-Z state, which means that the ADA4898
is not recommended for use as a multiplexer. Leaving the PD
pin floating keeps the amplifier in full power operation mode.
Table 7. Power-Down Voltage Control
PD Pin
±15 V
±10 V
±5 V
Power-Down Mode
≤−14 V
≤−9 V
≤−4 V
0.1 Hz TO 10 Hz NOISE
Figure 45 shows the 0.1 Hz to 10 Hz voltage and current noise
of the ADA4898. The peak-to-peak noise voltage is below 0.5 μV.
Figure 46 shows the circuit used to measure the low frequency
noise. It uses a band-pass filter of approximately 0.1 Hz and 10 Hz
and a high gain stage feeding into an instrumentation amplifier.
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
02
4
6
8
10
12
14
16
18
20
TIME (s)
Figure 45. 0.1 Hz to 10 Hz Noise
DUT
ADA4898-1
+IN
–IN
1µF
10nF
10nF
50Ω
50Ω
+IN
–IN
AD743
–VS = –9V
+VS = +9V
1µF
15.8kΩ
13kΩ
13Ω
MOMENTARY
1kΩ
806kΩ
806kΩ
7805
7905
+VS = +9V
(BATTERY)
–VS = –9V
(BATTERY)
+VR = +5V
–VR = –5V
+VR = +5V
–VR = –5V
AD620
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
R = 5.36kΩ, GAIN APPROX. 10Ω
10nF
1
2
4
3
8
7
5
6
10nF
+VS = +9V
–VS = –9V
FLOATING SHIELD
COAX
TEK
TDS 754A SCOPE
IN
FARADAY CAGE
OUT
Figure 46. Low Frequency Noise Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com