Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-2.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP151AUJZ-2.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-2.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP151AUJZ-2.8-R7 Datasheet HTML 9Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 10Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 11Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 12Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 13Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 14Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP151
Rev. E | Page 13 of 24
ENABLE FEATURE
The ADP151 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 30,
when a rising voltage on EN crosses the active threshold, VOUT
turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
3.0
2.5
2.0
1.5
0.5
1.0
0
0
0.5
1.0
1.5
2.0
2.5
ENABLE VOLTAGE
Figure 30. ADP151 Typical EN Pin Operation
As shown in Figure 30, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 31 shows typical EN active/inactive thresholds
when the input voltage varies from 2.2 V to 5.5 V.
1200
1000
800
600
200
400
0
2.0
2.5
3.0
3.5
4.5
5.0
4.0
5.5
INPUT VOLTAGE
VEN RISE
VEN FALL
Figure 31. Typical EN Pin Thresholds vs. Input Voltage
The ADP151 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for the 3.3 V
option is approximately 160 μs from the time the EN active
threshold is crossed to when the output reaches 90% of its final
value. As shown in Figure 32, the start-up time is dependent on
the output voltage setting.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
450
400
350
300
250
200
150
100
50
TIME (µs)
ENABLE
3.3V
2.8V
1.1V
Figure 32. Typical Start-Up Behavior
ADJUSTABLE OUTPUT VOLTAGE OPERATION
The unique architecture of the ADP151 makes an adjustable
version difficult to implement in silicon. However, it is possible
to create an adjustable regulator at the expense of increasing the
quiescent current of the regulator circuit.
The ADP151, and similar LDOs, are designed to regulate the
output voltage, VOUT, appearing at the VOUT pin with respect
to the GND pin. If the GND pin is at a potential other than 0 V
(for example, at VOFFSET), the ADP151 output voltage is VOUT +
VOFFSET. By taking advantage of this behavior, it is possible to
create an adjustable ADP151 circuit that retains most of the
desirable characteristics of the ADP151.
U1
1
2
3
5
4
C2
C1
VOUT
VIN
VOUT
NC
VIN
GND
EN
C3
R2
VOFFSET
R1
VOUT = VLDO × (1 + R2/R1)
Figure 33. Adjustable LDO Using the ADP151
The circuit shown in Figure 33 is an example of an adjustable
LDO using the ADP151. A stable VOFFSET voltage is created by
passing a known current through R2. The current through R2 is
determined by the voltage across R1. Because the voltage across
R1 is set by the voltage between VOUT and GND, the current
passing through R2 is fixed, and VOFFSET is stable.
To minimize the effect variation of the ADP151 ground current
(IGND) with load, it is best to keep R1 as small as possible. It is
also best to size the current passing through R2 to at least 20×
greater than the maximum expected ground current.
To create a 4 V LDO circuit, start with the 3.3 V version of the
ADP151 to minimize the value of R2. Because VOUT is 4 V,
VOFFSET must be 0.7 V, and the current through R2 must be 7 mA.
R1 is, therefore, 3.3 V/7 mA or 471 Ω. A 470 Ω standard value
introduces less than 1% error. Capacitor C3 is necessary to stabilize
the LDO; a value of 1 μF is adequate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com