Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-2.8-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP151AUJZ-2.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-2.8-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP151AUJZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 18Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 19Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 20Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 21Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 22Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 23Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP151
Rev. E | Page 21 of 24
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
0.50
0.30
0.10 MAX
*1.00 MAX
*0.90 MAX
0.70 MIN
2.90 BSC
5
4
1
2
3
SEATING
PLANE
Figure 63. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions show in millimeters
0.050 NOM
COPLANARITY
0.800
0.760 SQ
0.720
0.230
0.200
0.170
0.280
0.260
0.240
0.660
0.600
0.540
0.430
0.400
0.370
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
A
1
2
B
SEATING
PLANE
0.40
BALL PITCH
BALL A1
IDENTIFIER
Figure 64. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-3)
Dimensions show in millimeters
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
6
1
4
3
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.05 MAX
0.02 NOM
2.00
BSC SQ
0.65 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 65. 6-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2.00 mm × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-6-3)
Dimensions show in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com