Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-2.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP151AUJZ-2.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-2.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP151AUJZ-2.8-R7 Datasheet HTML 1Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 2Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 3Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 4Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 5Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 6Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 7Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 8Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Noise, 200 mA,
CMOS Linear Regulator
Data Sheet
ADP151
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow noise: 9 µV rms
No noise bypass capacitor required
Stable with 1 µF ceramic input and output capacitors
Maximum output current: 200 mA
Input voltage range: 2.2 V to 5.5 V
Low quiescent current
IGND = 10 µA with 0 load
IGND = 265 μA with 200 mA load
Low shutdown current: <1 µA
Low dropout voltage: 140 mV at 200 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±2.5%
16 fixed output voltage options: 1.1 V to 3.3 V
PSRR performance of 70 dB at 10 kHz
Current-limit and thermal overload protection
Logic controlled enable
Internal pull-down resistor on EN input
5-lead TSOT package
6-lead LFCSP package
4-ball, 0.4 mm pitch WLCSP
APPLICATIONS
RF, VCO, and PLL power supplies
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
Post dc-to-dc regulation
Portable medical devices
TYPICAL APPLICATION CIRCUIT
NC = NO CONNECT
1
2
3
5
4
1µF
1µF
VOUT = 1.8V
VIN = 2.3V
VOUT
NC
VIN
GND
EN
OFF
ON
Figure 1. TSOT ADP151 with Fixed Output Voltage, 1.8 V
VIN
VOUT
1
2
EN
GND
COUT
1µF
CIN
VOUT = 1.8V
VIN = 2.3V
TOP VIEW
(Not to Scale)
A
B
OFF
ON
Figure 2. WLCSP ADP151 with Fixed Output Voltage, 1.8 V
ADP151
TOP VIEW
(Not to Scale)
4
6
5
GND
VOUT
NC
3
1
2
EN
VIN
NC
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ON
OFF
1µF
1µF
VIN = 2.3V
VOUT = 1.8V
Figure 3. LFCSP ADP151 with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP151 is an ultralow noise, low dropout linear regulator
that operates from 2.2 V to 5.5 V and provides up to 200 mA
of output current. The low 140 mV dropout voltage at 200 mA
load improves efficiency and allows operation over a wide input
voltage range.
Using an innovative circuit topology, the ADP151 achieves
ultralow noise performance without the necessity of a bypass
capacitor, making it ideal for noise-sensitive analog and RF
applications. The ADP151 also achieves ultralow noise per-
formance without compromising PSRR or transient line and
load performance. The low 265 μA of quiescent current at
200 mA load makes the ADP151 suitable for battery-operated
portable equipment.
The ADP151 also includes an internal pull-down resistor on the
EN input.
The ADP151 is specifically designed for stable operation with
tiny 1 µF, ±30% ceramic input and output capacitors to meet
the requirements of high performance, space constrained
applications.
The ADP151 is capable of 16 fixed output voltage options,
ranging from 1.1 V to 3.3 V.
Short-circuit and thermal overload protection circuits prevent
damage in adverse conditions. The ADP151 is available in tiny
5-lead TSOT, 6-lead LFCSP, and 4-ball, 0.4 mm pitch, halide-free
WLCSP packages for the smallest footprint solution to meet a
variety of portable power application requirements.


Similar Part No. - ADP151AUJZ-2.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151AUJZ-2.8-R7 AD-ADP151AUJZ-2.8-R7 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151AUJZ-2.8-R7 AD-ADP151AUJZ-2.8-R7 Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
More results

Similar Description - ADP151AUJZ-2.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
9/2020-Rev. E to Rev. F
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com