Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-2.8-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP151AUJZ-2.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-2.8-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP151AUJZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 18Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 19Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 20Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 21Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 22Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP151
Rev. E | Page 19 of 24
In the case where the board temperature is known, use the
thermal characterization parameter, ΨJB, to estimate the
junction temperature rise (see Figure 57 and Figure 58).
Maximum junction temperature (TJ) is calculated from the
board temperature (TB) and power dissipation (PD) using the
following formula:
TJ = TB + (PD × ΨJB)
(5)
The typical value of ΨJB is 58°C/W for the 4-ball WLCSP package,
43°C/W for the 5-lead TSOT package, and 28.3°C/W for the 6-lead
LFCSP package.
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
MAXIMUM JUNCTION TEMPERATURE
Figure 57. WLCSP, TA = 85°C
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
MAXIMUM JUNCTION TEMPERATURE
Figure 58. TSOT, TA = 85°C
140
120
100
80
60
40
20
0
0.3
5.3
4.3
3.3
2.3
1.3
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
MAXIMUM JUNCTION TEMPERATURE
Figure 59. LFCSP, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com