Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP151AUJZ-2.8-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP151AUJZ-2.8-R7
Description  Ultralow Noise, 200 mA, CMOS Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP151AUJZ-2.8-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP151AUJZ-2.8-R7 Datasheet HTML 12Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 13Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 14Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 15Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 16Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 17Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 18Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 19Page - Analog Devices ADP151AUJZ-2.8-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP151
Data Sheet
Rev. E | Page 16 of 24
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
MAXIMUM JUNCTION TEMPERATURE
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
Figure 39. WLCSP 500 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
MAXIMUM JUNCTION TEMPERATURE
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
Figure 40. WLCSP 100 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
MAXIMUM JUNCTION TEMPERATURE
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
Figure 41. WLCSP 50 mm2 of PCB Copper, TA = 25°C
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
MAXIMUM JUNCTION TEMPERATURE
Figure 42. WLCSP 500 mm2 of PCB Copper, TA = 50°C
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
MAXIMUM JUNCTION TEMPERATURE
Figure 43. WLCSP 100 mm2 of PCB Copper, TA = 50°C
140
120
100
80
60
40
20
0
0.3
4.8
4.3
3.8
3.3
2.8
2.3
1.8
1.3
0.8
VIN – VOUT (V)
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
ILOAD = 200mA
MAXIMUM JUNCTION TEMPERATURE
Figure 44. WLCSP 50 mm2 of PCB Copper, TA = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com