Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E/2K Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2K Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM2901E/2K Datasheet HTML 25Page - Texas Instruments PCM2901E/2K Datasheet HTML 26Page - Texas Instruments PCM2901E/2K Datasheet HTML 27Page - Texas Instruments PCM2901E/2K Datasheet HTML 28Page - Texas Instruments PCM2901E/2K Datasheet HTML 29Page - Texas Instruments PCM2901E/2K Datasheet HTML 30Page - Texas Instruments PCM2901E/2K Datasheet HTML 31Page - Texas Instruments PCM2901E/2K Datasheet HTML 32Page - Texas Instruments PCM2901E/2K Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
www.ti.com
PCM2903 TYPICAL CIRCUIT CONNECTION
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
PCM2903
SSPND
XTI
V
DD
DGND
DOUT
DIN
XTO
V
CCP2
AGNDX
V
CCX
D+
D–
MUTE/
PowerDown
C
1
11
12
13
14
D+
D–
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCC
AGNDC
V L
IN
V R
IN
V
COM
18
17
16
15
V
CCP1
V
L
OUT
V
R
OUT
AGNDP
22 W
22 W
V
(3.3V)
DD
1.5k
3
W ´
IC1
1.5kW
GND
V
BUS
1MW
C
2
C
9
C
10
V
(3.3V)
CC
1MW
12MHz
C
5
C
6
C
3
C
4
C
7
C
8
C
11
C
12
LPF,
Amp
LPF,
Amp
S0312-02
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
Figure 41 illustrates a typical circuit connection for a simple application. The circuit illustrated is for information
only. The whole board design should be considered to meet the USB specification as a USB-compliant product.
NOTE:
IC1 must be driven by VDD with a 5-V tolerant input.
C1, C2, C3, C4, C7, C8: 10 µF
C5, C6: 10 pF to 33 pF (depending on crystal resonator)
C9, C10, C11, C12: The capacitance may vary depending on design.
Figure 41. Self-Powered Configuration
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM2901 PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com