Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E/2K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2K Datasheet(HTML) 4 Page - Texas Instruments

  PCM2901E/2K Datasheet HTML 1Page - Texas Instruments PCM2901E/2K Datasheet HTML 2Page - Texas Instruments PCM2901E/2K Datasheet HTML 3Page - Texas Instruments PCM2901E/2K Datasheet HTML 4Page - Texas Instruments PCM2901E/2K Datasheet HTML 5Page - Texas Instruments PCM2901E/2K Datasheet HTML 6Page - Texas Instruments PCM2901E/2K Datasheet HTML 7Page - Texas Instruments PCM2901E/2K Datasheet HTML 8Page - Texas Instruments PCM2901E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
All specifications at TA = 25°C, VCCC = VCCP1 = VCCP2 = VCCX = VDD = 3.3 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC CHARACTERISTICS
Resolution
8, 16
bits
Audio data channel
1, 2
channel
Clock Frequency
fS
Sampling frequencies
8, 11.025, 16, 22.05, 32, 44.1, 48
kHz
DC Accuracy
Gain mismatch, channel-to-channel
±1
±5
% of FSR
Gain error
±2
±10
% of FSR
Bipolar zero error
±0
% of FSR
Dynamic Performance(1)
VIN = –0.5 dB
0.01%
0.02%
THD+N
Total harmonic distortion plus noise
VIN = –60 dB
5%
Dynamic range
A-weighted
81
89
dB
SNR
Signal-to-noise ratio
A-weighted
81
89
dB
Channel separation
80
85
dB
Analog Input
Input voltage
0.6 VCCC
Vp-p
Center voltage
0.5 VCCC
V
Input impedance
30
k
Ω
–3 dB
150
kHz
Antialising filter frequency response
fIN = 20 kHz
–0.08
dB
Digital Filter Performance
Pass band
0.454 fS
Hz
Stop band
0.563 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
td
Delay time
17.4/fS
s
LCF frquency response
–3 dB
0.078 fS
MHz
(1)
fIN = 1 kHz, using a System Two™ audio measurement system by Audio Precision™ in RMS mode with a 20-kHz LPF and 400-Hz HPF
in the calculation.
4
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM2901 PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com