Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E/2K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM2901E/2K Datasheet HTML 1Page - Texas Instruments PCM2901E/2K Datasheet HTML 2Page - Texas Instruments PCM2901E/2K Datasheet HTML 3Page - Texas Instruments PCM2901E/2K Datasheet HTML 4Page - Texas Instruments PCM2901E/2K Datasheet HTML 5Page - Texas Instruments PCM2901E/2K Datasheet HTML 6Page - Texas Instruments PCM2901E/2K Datasheet HTML 7Page - Texas Instruments PCM2901E/2K Datasheet HTML 8Page - Texas Instruments PCM2901E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
all specifications at TA = 25°C, VCCC = VCCP1 = VCCP2 = VCCX = VDD = 3.3 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC CHARACTERISTICS
Resolution
8, 16
bits
Audio data channel
1, 2
channel
Clock Frequency
fS
Sampling frequencies
32, 44.1, 48
kHz
DC Accuracy
Gain mismatch channel-to-channel
±1
±5 % of FSR
Gain error
±2
±10 % of FSR
Bipolar zero error
±2
% of FSR
Dynamic Performance(1)
VOUT = 0 dB
0.005%
0.016%
THD+N
Total harmonic distortion plus noise
VOUT = –60 dB
3%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
Analog Output
VO
Output voltage
0.6 VCCC
Vp-p
Center voltage
0.5 VCCC
V
Load impedance
AC coupling
10
k
Ω
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
Digital Filter Performance
Pass band
0.445 fS
Hz
Stop band
0.555 fS
Hz
Pass-band ripple
±0.1
dB
Stop-band attenuation
–43
dB
td
Delay time
14.3/fS
s
POWER SUPPLY REQUIREMENTS
Voltage range (VDD, VCCC, VCCP1, VCCP2, VCCX)
3
3.3
3.6
VDC
ADC, DAC operation
54
70
mA
Supply current
Suspend mode(2)
210
µA
ADC, DAC operation
178
252
PD
Power dissipation
mW
Suspend mode(2)
0.69
TEMPERATURE RANGE
Operaton temperature
–25
85
°C
θ
JA
Thermal resistance
100
°C/W
(1)
fOUT = 1 kHz, using a System Two audio measuerment system by Audio Precision in RMS mode with a 20-kHz LPF and 400-Hz HPF.
(2)
Under USB suspend state
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2901 PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com