Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E/2K Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2K Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM2901E/2K Datasheet HTML 9Page - Texas Instruments PCM2901E/2K Datasheet HTML 10Page - Texas Instruments PCM2901E/2K Datasheet HTML 11Page - Texas Instruments PCM2901E/2K Datasheet HTML 12Page - Texas Instruments PCM2901E/2K Datasheet HTML 13Page - Texas Instruments PCM2901E/2K Datasheet HTML 14Page - Texas Instruments PCM2901E/2K Datasheet HTML 15Page - Texas Instruments PCM2901E/2K Datasheet HTML 16Page - Texas Instruments PCM2901E/2K Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
DAC
90
91
92
93
94
95
96
97
98
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
SNR
Dynamic Range
G008
0.003
0.004
0.005
0.006
0.007
0.008
−50
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
G007
0.003
0.004
0.005
0.006
0.007
0.008
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC − Supply Voltage − V
G009
90
91
92
93
94
95
96
97
98
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VCC − Supply Voltage − V
SNR
Dynamic Range
G010
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VDD = VCCC = VCCP1 = VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless
otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE at 0 dB
DYNAMIC RANGE and SNR
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION + NOISE at 0 dB
DYNAMIC RANGE and SNR
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 9.
Figure 10.
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM2901 PCM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com