Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2901E/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901E/2K
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2901E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM2901E/2K Datasheet HTML 1Page - Texas Instruments PCM2901E/2K Datasheet HTML 2Page - Texas Instruments PCM2901E/2K Datasheet HTML 3Page - Texas Instruments PCM2901E/2K Datasheet HTML 4Page - Texas Instruments PCM2901E/2K Datasheet HTML 5Page - Texas Instruments PCM2901E/2K Datasheet HTML 6Page - Texas Instruments PCM2901E/2K Datasheet HTML 7Page - Texas Instruments PCM2901E/2K Datasheet HTML 8Page - Texas Instruments PCM2901E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM2901
PCM2903
SLES034C – MARCH 2002 – REVISED NOVEMBER 2007
STEREO AUDIO CODEC WITH USB INTERFACE,
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
234
• PCM2901: Without S/PDIF
• Stereo DAC
• PCM2903: With S/PDIF
–
Analog Performance at VCCC = VCCP1 = VCCP2
= VCCX = VDD = 3.3 V
• On-Chip USB Interface
–
THD+N = 0.005%
–
With Full-Speed Transceivers
–
SNR = 96 dB
–
Fully Compliant With USB 1.1 Specification
–
Dynamic Range = 93 dB
–
Certified by USB-IF
–
Oversampling Digital Filter
–
Partially Programmable Descriptors (1)
–
Pass-Band Ripple = ±0.1 dB
–
USB Adaptive Mode for Playback
–
Stop-Band Attenuation = –43 dB
–
USB Asynchronous Mode for Record
–
Single-Ended Voltage Output
–
Self-Powered
–
Analog LPF Included
• 16-Bit Delta-Sigma ADC and DAC
• Multifunctions
• Sampling Rates
–
Human Interface Device (HID) Volume ±
–
DAC: 32, 44.1, 48 kHz
Control and Mute Control
–
ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
–
Suspend Flag
• On-Chip Clock Generator With Single 12-MHz
• Package: 28-Pin SSOP
Clock Source
• Single Power Supply: 3.3 V Typical
• Stereo ADC
• USB Audio Speaker
–
Analog Performance at VCCC = VCCP1 = VCCP2
• USB Headset
= VCCX = VDD = 3.3 V
• USB Monitor
–
THD+N = 0.01%
• USB Audio Interface Box
–
SNR = 89 dB
–
Dynamic Range = 89 dB
–
Decimation Digital Filter
The PCM2901/2903 is TI's single-chip USB stereo
–
Pass-Band Ripple = ±0.05 dB
audio codec with USB-compliant full-speed protocol
controller and S/PDIF (only PCM2903). The USB
–
Stop-Band Attenuation = –65 dB
protocol controller works with no software code, but
–
Single-Ended Voltage Input
the USB descriptors can be modified in some areas
–
Antialiasing Filter Included
(for
example,
vendor
ID/product
ID).
The
PCM2901/2903 employs SpAct™ architecture, TI's
–
Digital LCF Included
unique system that recovers the audio clock from
USB packet data. On-chip analog PLLs with SpAct
enable playback and record with low clock jitter and
with independent playback and record sampling
(1)
The descriptor can be modified by changing a mask.
rates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2901E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2901E/2K TI-PCM2901E/2K Datasheet
324Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PCM2901E/2K TI2-PCM2901E/2K Datasheet
763Kb / 40P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
REVISED NOVEMBER 2007
PCM2901E/2K.B TI2-PCM2901E/2K.B Datasheet
763Kb / 40P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
REVISED NOVEMBER 2007
PCM2901E/2KG4.B TI2-PCM2901E/2KG4.B Datasheet
763Kb / 40P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
REVISED NOVEMBER 2007
More results

Similar Description - PCM2901E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com