Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA2 Datasheet(PDF) 11 Page - Analog Devices

Part # ASDATA2
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ASDATA2 Datasheet HTML 7Page - Analog Devices ASDATA2 Datasheet HTML 8Page - Analog Devices ASDATA2 Datasheet HTML 9Page - Analog Devices ASDATA2 Datasheet HTML 10Page - Analog Devices ASDATA2 Datasheet HTML 11Page - Analog Devices ASDATA2 Datasheet HTML 12Page - Analog Devices ASDATA2 Datasheet HTML 13Page - Analog Devices ASDATA2 Datasheet HTML 14Page - Analog Devices ASDATA2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0.10
0.08
0.06
0.04
0.02
0
–0.10
–0.08
–0.06
–0.04
–0.02
0
18
16
14
12
10
8
6
4
2
FREQUENCY (kHz)
Figure 3. ADC Pass-Band Filter Response, 48 kHz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
40
5
10
15
20
25
30
35
FREQUENCY (kHz)
Figure 4. ADC Stop-Band Filter Response, 48 kHz
0.06
0.04
0.02
–0.06
–0.04
–0.02
0
0
24
16
8
FREQUENCY (kHz)
Figure 5. DAC Pass-Band Filter Response, 48 kHz
0
–150
–100
–50
0
48
12
24
36
FREQUENCY (kHz)
Figure 6. DAC Stop-Band Filter Response, 48 kHz
0.10
–0.10
–0.05
0
0.05
0
96
72
48
24
FREQUENCY (kHz)
Figure 7. DAC Pass-Band Filter Response, 96 kHz
0
–150
–100
–50
0
96
24
48
72
FREQUENCY (kHz)
Figure 8. DAC Stop-Band Filter Response, 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com