Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA2 Datasheet(PDF) 27 Page - Analog Devices

Part # ASDATA2
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ASDATA2 Datasheet HTML 23Page - Analog Devices ASDATA2 Datasheet HTML 24Page - Analog Devices ASDATA2 Datasheet HTML 25Page - Analog Devices ASDATA2 Datasheet HTML 26Page - Analog Devices ASDATA2 Datasheet HTML 27Page - Analog Devices ASDATA2 Datasheet HTML 28Page - Analog Devices ASDATA2 Datasheet HTML 29Page - Analog Devices ASDATA2 Datasheet HTML 30Page - Analog Devices ASDATA2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 27 of 32
ADC CONTROL REGISTERS
Table 23. ADC Control 0 Register
Bit
Value
Function
Description
0
0
Normal
Power-down
1
Power down
1
0
Off
High-pass filter
1
On
2
0
Unmute
ADC 1L mute
1
Mute
3
0
Unmute
ADC 1R mute
1
Mute
4
0
Unmute
ADC 2L mute
1
Mute
5
0
Unmute
ADC 2R mute
1
Mute
7:6
00
32 kHz/44.1 kHz/48 kHz
Output sample rate
01
64 kHz/88.2 kHz/96 kHz
10
128 kHz/176.4 kHz/192 kHz
11
Reserved
Table 24. ADC Control 1 Register
Bit
Value
Function
Description
1:0
00
24
Word width
01
20
10
Reserved
11
16
4:2
000
1
SDATA delay (BCLK periods)
001
0
010
8
011
12
100
16
101
Reserved
110
Reserved
111
Reserved
6:5
00
Stereo
Serial format
01
TDM (daisy chain)
10
ADC AUX mode (ADC-, DAC-, TDM-coupled)
11
Reserved
7
0
Latch in mid cycle (normal)
BCLK active edge (TDM in)
1
Latch in at end of cycle (pipeline)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com