Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA2 Datasheet(PDF) 30 Page - Analog Devices

Part # ASDATA2
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA2 Datasheet(HTML) 30 Page - Analog Devices

Back Button ASDATA2 Datasheet HTML 24Page - Analog Devices ASDATA2 Datasheet HTML 25Page - Analog Devices ASDATA2 Datasheet HTML 26Page - Analog Devices ASDATA2 Datasheet HTML 27Page - Analog Devices ASDATA2 Datasheet HTML 28Page - Analog Devices ASDATA2 Datasheet HTML 29Page - Analog Devices ASDATA2 Datasheet HTML 30Page - Analog Devices ASDATA2 Datasheet HTML 31Page - Analog Devices ASDATA2 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD1939
Data Sheet
Rev. E | Page 30 of 32
APPLICATION CIRCUITS
Typical application circuits are shown in Figure 29 through Figure 32. Figure 29 shows a typical ADC input filter circuit. Recommended
loop filters for LR clock and master clock as the PLL reference are shown in Figure 30. Output filters for the DAC outputs are shown in
Figure 31 and a regulator circuit is shown in Figure 32.
2
1
3
OP275
–
+
6
7
5
OP275
–
+
5.76kΩ
5.76kΩ
237Ω
5.76kΩ
120pF
600Z
AUDIO
INPUT
100pF
5.76kΩ
120pF
4.7µF
+
237Ω
4.7µF
+
100pF
1nF
NPO
1nF
NPO
ADCxN
ADCxP
Figure 29. Typical ADC Input Filter Circuit
39nF
+
2.2nF
LF
LRCLK
AVDD2
3.32kΩ
5.6nF
390pF
LF
MCLK
AVDD2
562Ω
Figure 30. Recommended Loop Filters for LRCLK or MCLK PLL Reference
2
1
3
OP275
–
+
2.2nF
NPO
AUDIO
OUTPUT
604Ω
68pF
NPO
560pF
NPO
270pF
NPO
DAC
OUTN
3.01kΩ
11kΩ
DAC
OUTP
1.50kΩ
5.62kΩ
11kΩ
5.62kΩ
Figure 31. Typical DAC Output Filter Circuit (Differential)
10µF
+
E
C
B
VSUPPLY
5V
VSENSE
3.3V
FZT953
VDRIVE
1kΩ
100nF
10µF
+
100nF
Figure 32. Recommended 3.3 V Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com