Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA2 Datasheet(PDF) 12 Page - Analog Devices

Part # ASDATA2
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ASDATA2 Datasheet HTML 8Page - Analog Devices ASDATA2 Datasheet HTML 9Page - Analog Devices ASDATA2 Datasheet HTML 10Page - Analog Devices ASDATA2 Datasheet HTML 11Page - Analog Devices ASDATA2 Datasheet HTML 12Page - Analog Devices ASDATA2 Datasheet HTML 13Page - Analog Devices ASDATA2 Datasheet HTML 14Page - Analog Devices ASDATA2 Datasheet HTML 15Page - Analog Devices ASDATA2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD1939
Data Sheet
Rev. E | Page 12 of 32
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
64
8
16
32
FREQUENCY (kHz)
Figure 9. DAC Pass-Band Filter Response, 192 kHz
–10
–8
–6
–4
–2
0
48
96
64
80
FREQUENCY (kHz)
Figure 10. DAC Stop-Band Filter Response, 192 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com