Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDATA2 Datasheet(PDF) 23 Page - Analog Devices

Part # ASDATA2
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ASDATA2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ASDATA2 Datasheet HTML 19Page - Analog Devices ASDATA2 Datasheet HTML 20Page - Analog Devices ASDATA2 Datasheet HTML 21Page - Analog Devices ASDATA2 Datasheet HTML 22Page - Analog Devices ASDATA2 Datasheet HTML 23Page - Analog Devices ASDATA2 Datasheet HTML 24Page - Analog Devices ASDATA2 Datasheet HTML 25Page - Analog Devices ASDATA2 Datasheet HTML 26Page - Analog Devices ASDATA2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 23 of 32
Table 13. Pin Function Changes in TDM and AUX Modes (Replication of Table 12)
Pin Mnemonic
Stereo Modes
TDM Modes
AUX Modes
ASDATA1
ADC1 Data Out
ADC TDM Data Out
TDM Data Out
ASDATA2
ADC2 Data Out
ADC TDM Data In
AUX Data Out 1 (to Ext. DAC 1)
DSDATA1
DAC1 Data In
DAC TDM Data In
TDM Data In
DSDATA2
DAC2 Data In
DAC TDM Data Out
AUX Data In 1 (from Ext. ADC 1)
DSDATA3
DAC3 Data In
DAC TDM Data In 2 (Dual-Line Mode)
AUX Data In 2 (from Ext. ADC 2)
DSDATA4
DAC4 Data In
DAC TDM Data Out 2 (Dual-Line Mode)
AUX Data Out 2 (to Ext. DAC 2)
ALRCLK
ADC LRCLK In/ADC LRCLK Out
ADC TDM Frame Sync In/ADC TDM Frame Sync Out
TDM Frame Sync In/TDM Frame Sync Out
ABCLK
ADC BCLK In/ADC BCLK Out
ADC TDM BCLK In/ADC TDM BCLK Out
TDM BCLK In/TDM BCLK Out
DLRCLK
DAC LRCLK In/DAC LRCLK Out
DAC TDM Frame Sync In/DAC TDM Frame Sync Out
AUX LRCLK In/AUX LRCLK Out
DBCLK
DAC BCLK In/DAC BCLK Out
DAC TDM BCLK In/DAC TDM BCLK Out
AUX BCLK In/AUX BCLK Out
AUX
ADC 1
LRCLK
BCLK
DATA
MCLK
AUX
ADC 2
LRCLK
BCLK
DATA
MCLK
AUX
DAC 1
AUX
DAC 2
LRCLK
BCLK
DATA
MCLK
LRCLK
BCLK
DATA
MCLK
30MHz
12.288MHz
SHARC IS RUNNING IN SLAVE MODE
(INTERRUPT-DRIVEN)
SHARC®
AD1939
TDM MASTER
AUX MASTER
ASDATA2
DSDATA4
DBCLK
DLRCLK
DSDATA2
DSDATA3
MCLKI/XI
ASDATA1 ALRCLK ABCLK DSDATA1
Figure 26. Example of AUX Mode Connection to SHARC (AD1939 as TDM Master/AUX Master Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com