Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2011 Datasheet(PDF) 11 Page - Cree, Inc

Part # CXA2011
Description  Cree XLamp CXA2011 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA2011_13 Datasheet HTML 6Page - Cree, Inc CXA2011_13 Datasheet HTML 7Page - Cree, Inc CXA2011_13 Datasheet HTML 8Page - Cree, Inc CXA2011_13 Datasheet HTML 9Page - Cree, Inc CXA2011_13 Datasheet HTML 10Page - Cree, Inc CXA2011_13 Datasheet HTML 11Page - Cree, Inc CXA2011_13 Datasheet HTML 12Page - Cree, Inc CXA2011_13 Datasheet HTML 13Page - Cree, Inc CXA2011_13 Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
11
XLamp CXa2011 LED
bin and order code formats
Bin codes and order codes are configured as follows:
order code
bin code
2600K
2700K
2900K
3000K
3200K
3500K
3700K
4000K
4300K
4500K
4750K
5000K
5300K
3A0
3B0
3C0
3D0
5A0
5B0
5C0
5D0
6A0
6B0
6C0
6D0
7A0
7B0
7C0
7D0
8A0
8B0
8C0
8D0
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
ANSI
C78.377A
cree ansi white bins Plotted on the 1931 cie color sPace (t
J = 85 °c)
SSSSSCC-HHHH-NNNGGNNNNNN
Series = CXA20
Internal code
CRI Specification
U = 90 minimum
0 = standard CRI
Kit code
Vf class: P0 = 40-V class
Performance class
SSSSSCC-WWW-FF-GGA-AAAAA
Series = CXA20
Chromaticity bin
Vf class: P0 = 40-V class
Internal code
CRI specification
U = 90 CRI minimum
H = 80 CRI minimum
E = 77 CRI minimum
B = 70 CRI minimum
Flux bin
Performance class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com