Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2011 Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA2011
Description  Cree XLamp CXA2011 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 5 Page - Cree, Inc

  CXA2011_13 Datasheet HTML 1Page - Cree, Inc CXA2011_13 Datasheet HTML 2Page - Cree, Inc CXA2011_13 Datasheet HTML 3Page - Cree, Inc CXA2011_13 Datasheet HTML 4Page - Cree, Inc CXA2011_13 Datasheet HTML 5Page - Cree, Inc CXA2011_13 Datasheet HTML 6Page - Cree, Inc CXA2011_13 Datasheet HTML 7Page - Cree, Inc CXA2011_13 Datasheet HTML 8Page - Cree, Inc CXA2011_13 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
5
XLamp CXa2011 LED
relative sPectral Power distribution (i
f = 270 ma, tJ= 85 °c)
The following graph represents typical spectral emission of standard CRI XLamp CXA2011 LeDs.
relative luminous fluX vs. Junction temPerature (i
f = 270 ma)
The following graph represents typical performance of the XLamp CXA2011 LeD.
Relative Spectral Power Distribution - White, Hot Binned, Baby
This is native CXA Spectral Data @ 3000K
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
400
450
500
550
600
650
700
750
Wavelength (nm)
3000K CCT
4000K CCT
5000K CCT
Relative Flux Output vs. Junction Temperature (If = 270 mA?)
0%
20%
40%
60%
80%
100%
120%
0
25
50
75
100
125
150
Junction Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com