Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2011 Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA2011
Description  Cree XLamp CXA2011 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA2011_13 Datasheet HTML 3Page - Cree, Inc CXA2011_13 Datasheet HTML 4Page - Cree, Inc CXA2011_13 Datasheet HTML 5Page - Cree, Inc CXA2011_13 Datasheet HTML 6Page - Cree, Inc CXA2011_13 Datasheet HTML 7Page - Cree, Inc CXA2011_13 Datasheet HTML 8Page - Cree, Inc CXA2011_13 Datasheet HTML 9Page - Cree, Inc CXA2011_13 Datasheet HTML 10Page - Cree, Inc CXA2011_13 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
7
XLamp CXa2011 LED
relative chromaticity vs. current and temPerature
The following graphs represent typical chromaticity vs current and temperature for the standard CRI version of the
XLamp CXA2011 at 3000K CCT.
The following graphs represent typical chromaticity vs current and temperature for the XLamp CXA2011 at 5000K CCT.
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
200
400
600
800
1000
Current (mA)
ΔCCx
ΔCCy
CXA2011 E3
CXA2011, E7
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
25
50
75
100
125
150
Tj(°C)
ΔCCx
ΔCCy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com