Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2011 Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA2011
Description  Cree XLamp CXA2011 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 4 Page - Cree, Inc

  CXA2011_13 Datasheet HTML 1Page - Cree, Inc CXA2011_13 Datasheet HTML 2Page - Cree, Inc CXA2011_13 Datasheet HTML 3Page - Cree, Inc CXA2011_13 Datasheet HTML 4Page - Cree, Inc CXA2011_13 Datasheet HTML 5Page - Cree, Inc CXA2011_13 Datasheet HTML 6Page - Cree, Inc CXA2011_13 Datasheet HTML 7Page - Cree, Inc CXA2011_13 Datasheet HTML 8Page - Cree, Inc CXA2011_13 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
4
XLamp CXa2011 LED
fluX characteristics, standard order codes and bins, 90 cri (i
f= 270 ma, tJ= 85 °c)
The following tables provide order codes for XLamp CXA2011 90 CRI minimum LEDs. For a complete description of the
order code nomenclature, please reference Bin and Order Code Formats (page 11).
color
cct
range
base order codes
min luminous flux
@ 270 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
3000K
F0
680
783
30H
CXA2011‑0000‑000P0UF030H
30F
CXA2011‑0000‑000P0UF030F
G0
780
898
CXA2011‑0000‑000P0UG030H
CXA2011‑0000‑000P0UG030F
2700K
F0
680
783
27H
CXA2011‑0000‑000P0UF027H
27F
CXA2011‑0000‑000P0U0F027F
color
cct
range
base order codes
min luminous flux
@ 270 ma, 85 °c
chromaticity regions
order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
ANSI
white
3000K
F0
680
783
7A0, 7B0, 7C0, 7D0
CXA2011‑0000‑000P0UF00E7
G0
780
898
CXA2011-0000-000p0UG00e7
2700K
F0
680
783
8A0, 8B0, 8C0, 8D0
CXA2011‑0000‑000P0UF00E8
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and a tolerance of ±2 on CRI measurements.
•
Minimum CRI for chromaticity kits 30H, 30F, 27H, 27F, 0E7, 0E8 is 90.
*
Flux values @ 25 °C are calculated and for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com