Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2011 Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA2011
Description  Cree XLamp CXA2011 LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2011 Datasheet(HTML) 3 Page - Cree, Inc

  CXA2011_13 Datasheet HTML 1Page - Cree, Inc CXA2011_13 Datasheet HTML 2Page - Cree, Inc CXA2011_13 Datasheet HTML 3Page - Cree, Inc CXA2011_13 Datasheet HTML 4Page - Cree, Inc CXA2011_13 Datasheet HTML 5Page - Cree, Inc CXA2011_13 Datasheet HTML 6Page - Cree, Inc CXA2011_13 Datasheet HTML 7Page - Cree, Inc CXA2011_13 Datasheet HTML 8Page - Cree, Inc CXA2011_13 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
3
XLamp CXa2011 LED
fluX characteristics, standard order codes and bins (i
f = 270 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA2011 LEDs. For a complete description of the order code
nomenclature, please reference Bin and Order Code Formats (page 11).
color
cct
range
base order codes
min. luminous flux
@ 270 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 ° c
flux
(lm) @
25 ° c*
chromaticity
region
chromaticity
region
easywhite
5000K
H0
900
1036
50H
CXA2011‑0000‑000P00H050H
50F
CXA2011‑0000‑000P00H050F
J0
1040
1197
CXA2011‑0000‑000P00J050H
CXA2011‑0000‑000P00J050F
4000K
G0
780
898
40H
CXA2011‑0000‑000P00G040H
40F
CXA2011‑0000‑000P00G040F
H0
900
1036
CXA2011‑0000‑000P00H040H
CXA2011‑0000‑000P00H040F
3500K
G0
780
898
35H
CXA2011‑0000‑000P00G035H
35F
CXA2011‑0000‑000P00G035F
H0
900
1036
CXA2011‑0000‑000P00H035H
CXA2011‑0000‑000P00H035F
3000K
G0
780
898
30H
CXA2011‑0000‑000P00G030H
30F
CXA2011‑0000‑000P00G030F
H0
900
1036
CXA2011‑0000‑000P00H030H
CXA2011‑0000‑000P00H030F
2700K
F0
680
783
27H
CXA2011‑0000‑000P00F027H
27F
CXA2011‑0000‑000P00F027F
G0
780
898
CXA2011‑0000‑000P00G027H
CXA2011‑0000‑000P00G027F
color
cct
range
base order codes
min. luminous flux
@ 270 ma
chromaticity regions
order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
ANSI
white
5000K
H0
900
1036
3A0, 3B0, 3C0, 3D0
CXA2011‑0000‑000P00H00E3
J0
1040
1197
CXA2011‑0000‑000P00J00E3
4000K
G0
780
898
5A0, 5B0, 5C0, 5D0
CXA2011-0000-000p00G00e5
H0
900
1036
CXA2011‑0000‑000P00H00E5
3500K
G0
780
898
6A0, 6B0, 6C0, 6D0
CXA2011-0000-000p00G00e6
H0
900
1036
CXA2011‑0000‑000P00H00E6
3000K
G0
780
898
7A0, 7B0, 7C0, 7D0
CXA2011-0000-000p00G00e7
H0
900
1036
CXA2011‑0000‑000P00H00E7
2700K
F0
680
783
8A0, 8B0, 8C0, 8D0
CXA2011‑0000‑000P00F00E8
G0
780
898
CXA2011‑0000‑000P00G00E8
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and a tolerance of ±2 on CRI measurements.
•
Minimum CRI for chromaticity kits 27F, 27H, 30F, 30H, 0E8, 0E7 is 80.
•
Minimum CRI for chromaticity kit 35F, 35H, 0E6 is 77 and typical CRI is 80.
•
Minimum CRI for chromaticity kits 40F, 40H, 50F, 50H, 0E5, 0E3 is 70 and typical CRI is 75.
*
Flux values @ 25 °C are calculated and for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com