Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 12 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 12 Page - ams AG

Back Button AS2525Q Datasheet HTML 8Page - ams AG AS2525Q Datasheet HTML 9Page - ams AG AS2525Q Datasheet HTML 10Page - ams AG AS2525Q Datasheet HTML 11Page - ams AG AS2525Q Datasheet HTML 12Page - ams AG AS2525Q Datasheet HTML 13Page - ams AG AS2525Q Datasheet HTML 14Page - ams AG AS2525Q Datasheet HTML 15Page - ams AG AS2525Q Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 11 of 27
Table 13: Handset Rx soft clipping selection
[PG] + [0] + (Password) + [#] + [5] + (digit) + [PG]
Digit
Handset Rx Soft Clipping (Earpiece)
[0]
Disabled
[1]
Enabled
There is LLC option for this path.
The gain of the LS —> LO1/LO2 receive path is set to 29
dB.
This gain can be changed by set-up programming from 22
dB to -37 dB in 1 dB steps.
Table 14: Loudspeaker gain setting
[PG] + [0] + (Password) + [0] + [4] + (x) + [PG]
Key
(x)
Rx Gain (dB)
LS to LO1/2
Key
(x)
Rx Gain (dB)
LS to LO1/2
[0]
22
[8]
30
[1]
23
[9]
31
[2]
24
[M1]
32
[3]
25
[M2]
33
[4]
26
[M3]
34
[5]
27
[M4]
35
[6]
28
[M5]
36
[7]
29
[M6]
37
The user can also change the gain using the [V+]/[V-] keys
(see section "Handsfree"). The volume range is 20 dB (8
steps, each 2.5 dB).
The receive input is the differential signal of RI and STB.
The soft clip circuit limits the output voltage swing at
LO1/LO2 to 1 VPEAK
.
Table 15: Loudspeaker soft clipping selection
[PG] + [0] + (Password) + [9] + [3] + (digit) + [PG
]
Digit
Handsfree Rx Soft Clipping (Loudspeaker)
[0]
Disabled
[1]
Enabled
There is optional LLC for this path.
Line Loss Compensation (LLC)
The line loss compensation is set-up programmable and
effects only the handset mode.
Table 16: Line loss compensation selection
[PG] + [0] + (Password) + [0] + [5] + (digit) + [PG]
Digit
LLC Range
[0]
No LLC (gain independent of line current)
[1]
-1 dB/5 mA from 20 to 50 mA
[2]
-1 dB/5 mA from 45 to 75 mA
When it is activated, the transmit and receive gains for
both channels are decreased by 6 dB at line currents from
20 mA to 50 mA or from 45 mA to 75 mA depending on
selected range.
Handsfree
The handsfree function allows voice communication without
using the handset (full 2-way speaker phone). Two voice
controlled attenuators prevent acoustic coupling between
the loudspeaker and the handsfree microphone.
The voice switching circuit has three states, namely idle,
transmit or receive. In receive mode the attenuation of the
receive path and the transmit path can be controlled by the
volume keys between 0 dB and -20 dB. The following table
(Table 18: Handsfree attenuation scheme) shows how
voice switching is controlled.
TX_atten
Backgnd
noise
monitor
Voice
switching
speech
RX
voice switching circuit
Figure 6: Handsfree voice switching
A background monitoring circuit is incorporated. This
circuit can be enabled/disabled as required
.
Table 17: Background noise monitoring selection
[PG] + [0] + (Password) + [#] + [6] + (digit) + [PG]
Digit
Background Noise Monitoring
[0]
Disabled
[1]
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com