Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 18 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 18 Page - ams AG

Back Button AS2525Q Datasheet HTML 14Page - ams AG AS2525Q Datasheet HTML 15Page - ams AG AS2525Q Datasheet HTML 16Page - ams AG AS2525Q Datasheet HTML 17Page - ams AG AS2525Q Datasheet HTML 18Page - ams AG AS2525Q Datasheet HTML 19Page - ams AG AS2525Q Datasheet HTML 20Page - ams AG AS2525Q Datasheet HTML 21Page - ams AG AS2525Q Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 17 of 27
Table 28: Pacifier tone selection
[PG] + [0] + (Password) + [#] + [9] + (digit) + [PG]
Digit
Pacifier Tone (Key-in Tone)
[0]
Disabled
[1]
Enabled
Table 29: Pacifier tones
Key Entry
Frequency
Duration
Acknowledge
1333 Hz
40 ms
Reject/Terminate
1333 Hz
4 x 40 ms
An invalid key entry will be indicated by a rejection tone of
4 times 40 ms.
By MF dialing the DTMF tones are provided to the earpiece
as comfort tone. The level of the comfort is selected
through the set-up programming.
Table 30: DTMF comfort tone level setting
[PG] + [0] + (Password) + [0] + (y + x) + [PG]
Key
(y + x)
Level (dBr)
Earpiece
Key
(y + x)
Level (dBr)
Loudspeaker
[9] + [0]
-36
[0] + [0]
-15
[9] + [1]
-30
[0] + [1]
-9
[9] + [2]
-24
[0] + [2]
-3
[9] + [3]
-18
[0] + [3]
3
Serial Bus
The AS2525 incorporates a microwire™ compatible serial
bus (DO, DI, and CLK) with two chip select outputs (CS1
and CS2). The serial bus is used to:
-
sending data to the LCD driver (AS2591) when a key is
pressed or a number is dialed out
-
reading and writing to the external EEPROM under
following conditions:
Table 31: EEPROM read/write timings
ACTION
DURATION
After off-hook (debounced)
50 ms
After on-hook (debounced)
200 ms
After first rising edge at FCI
10 ms
After PG is terminated
12…600 ms
After pressing [V+]/[V-]
20 ms
See also AS2591 data sheet for further information.
LCD Control
The AS2525 is designed to work together with the LCD
driver AS2591 (see also AS2591 data sheet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com