Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 16 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 16 Page - ams AG

Back Button AS2525Q Datasheet HTML 12Page - ams AG AS2525Q Datasheet HTML 13Page - ams AG AS2525Q Datasheet HTML 14Page - ams AG AS2525Q Datasheet HTML 15Page - ams AG AS2525Q Datasheet HTML 16Page - ams AG AS2525Q Datasheet HTML 17Page - ams AG AS2525Q Datasheet HTML 18Page - ams AG AS2525Q Datasheet HTML 19Page - ams AG AS2525Q Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 15 of 27
4. Press [PG] (= store and exit) or go on-hook to
abort
Reset to Factory Settings
It is possible to reset all settings to the default factory
settings with following procedure:
1. Press [PG] to enter program mode
2. Press [1] + (PIN) + [#] + [8]
3. Press [1] for reset
4. Press [PG] (= store and exit) or go on-hook to
abort
Dial Mode Selection
The default signaling mode (LD or MF) is selectable
through following procedure:
1. Press [PG] to enter program mode
2. Press [3] to enter dial select mode
3. Press [0] for LD and [1] for MF
4. Press [PG] (= store and exit) or go on-hook to
abort
When default LD mode is selected, a temporary change to
MF can be invoked by pressing the [
∗∗∗∗] key. Temporary MF
select with tone on first key pressure can be selected as
option (see also Table 3: Parameter settings). The circuit
will revert to LD by pressing the [FL] key or by next on-
hook.
Re-Dialing (Last Number Redial)
Re-dialing is a facility that allows re-signaling of the last
dialed number without keying in all the digits again.
Numbers dialed out from any memory will also be stored in
the LNR memory. The re-dialing works in following manner:
-
Any digit (including Flash, Pause, and MF select) being
dialed is storable in the LNR memory up to a total of 31
digits.
-
If more than 31 digits are entered, re-dialing will be
inhibited.
-
Pressing the [R/P] key as first entry after off-hook
(LNR cursor at first digit) will invoke dialing the content
of the LNR memory.
-
If the [R/P] key is pressed after entering one or more
digits, the key will function as a pause key and each
pressure will insert a pause.
Pauses can also be inserted by pressing the [R/P] key in
program mode.
Flash Function
A flash, [FL] key, activation will invoke a timed loop break.
The flash duration can be programmed through set-up (see
Figure 2: Keys for HEX-code entry and Table 4: Timing
selection by HEX code):
Table 22: Flash duration setting
[PG] + [0] + (Password) + [
∗∗∗∗] + (digit) + (HEX) + [PG]
Digit
Timing
Flash Duration
[4]
HEX code
Flash 1
[5]
HEX code
Flash 2
One of two pre-programmed can be selected as follows:
1. Press [PG] to enter program mode
2. Press [2] to enter flash select mode
3. Press [0] for duration 1 and [1] for duration 2
4. Press [PG] (= store and exit) or go on-hook to
abort
A flash entered will be stored in the LNR memory together
with entered digits. After a recall a 270 ms pause will
automatically be executed.
Pauses
Pauses can be inserted if the [R/P] key is pressed after
entering one or more digits. Also during programming,
pauses can be inserted by pressing the [R/P] key. Default
pause duration is 1 second (P1) and an alternative pause
of 3 second (P2) can be selected. These pauses can be
changed through the set-up programming (see Table 3:
Parameter settings)
Memory Keys
The keys [M1] to [M8] are direct memory access keys,
[SH] key is used to access second level of direct
memories, and the [MR] key is used for key-code dialing.
Up to 26 numbers can be stored in the on-chip RAM. Each
number can contain up to 21 digits (including pauses).
During programming multiple pauses can be inserted by
pressing the [RD] key.
Example (45678P123 is stored in M1, where P is a pause
and 123 the extension number):
1. Off-hook, wait for dial tone
2. Press [M1]
-
45678 is dialed out
-
Dialing halts (pauses)
-
Dialing is resumed, 123 is dialed out.
Memory dialing is cascadable up to a the maximum of 31
digits/data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com