Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525Q Datasheet(PDF) 4 Page - ams AG

Part # AS2525Q
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525Q Datasheet(HTML) 4 Page - ams AG

  AS2525Q Datasheet HTML 1Page - ams AG AS2525Q Datasheet HTML 2Page - ams AG AS2525Q Datasheet HTML 3Page - ams AG AS2525Q Datasheet HTML 4Page - ams AG AS2525Q Datasheet HTML 5Page - ams AG AS2525Q Datasheet HTML 6Page - ams AG AS2525Q Datasheet HTML 7Page - ams AG AS2525Q Datasheet HTML 8Page - ams AG AS2525Q Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 3 of 27
Pin #
Symbol
Type
Description
19
RECI
AI
RECeive Input
Analogue input for the handsfree receive path. Should be connected to RO via a coupling
capacitor.
20
RECV
AI
RECeive Voice Switching Input
Analogue input for receive voice switching path.
21
RO
AO
Receive Output to Handset
Output for driving a dynamic earpiece with an impedance from 150
to 300 .
22
VDD
Supply
Voltage Drain Drain
Positive Power Supply.
23
AGND
Supply
Analogue Ground
Special ground for the internal amplifiers.
24
CBN
AI
Analogue input pin for connecting a capacitor for background noise monitoring.
25
CM
DO
Converter Make Output
This is an output for controlling the external switching converter. During ringing it converts
the ring signal into a 4V supply voltage.
26
VPP
Supply
Loudspeaker Power Supply
High power supply for the output driver stage.
27
28
LO1
LO2
AO
Loudspeaker Outputs 1/2
Output pins for a 32
( 25 to 50 ) loudspeaker.
29
VSSA
Supply
Power supply pin for LO1-LO2 output amplifier.
30
DM/HM
DI
Dial Mode/Headset Mode Switch Input
Digital input for choosing between LD and MF dialing or choosing handset and headset
mode. See “Table 3: Parameter settings” for further details. This pin is scanned after manual
off-hook only.
31
FCI
DI
Frequency Comparator Input
This is a Schmitt-trigger input for ring frequency discrimination. Disabled during off-hook.
32
LED
DO
LED Output
Digital output for connecting 2 mA LED to indicate handsfree mode.
33
OSC
Oscillator Input
Input for ceramic resonator 3.58 MHz.
34
35
36
R1
R2
R3
DI/O
Keyboard
Rows
(see Figure 1: Keyboard Layout).
37
38
39
40
C1
C2
C3
C4
DI/O
Keyboard
Columns
(see Figure 1: Keyboard Layout).
41
CLK
DO
Clock
Clock output for 3-wire bus.
If signal is not activated, a pull down resistor (100 k
) is inserted.
42
DI
DI
Data Input
Data input of 3-wire bus.
If signal is not activated, a pull down resistor (100 k
) is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com